| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADPD105 Datasheet(PDF) 49 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD105 Datasheet(HTML) 49 Page - Analog Devices |
|
49 / 66 page ![]() Data Sheet ADPD105/ADPD106/ADPD107 Rev. A | Page 49 of 66 Hex. Addr. Name Bits Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Reset RW Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0x22 ILED3_ COARSE [15:8] Reserved ILED3_SCALE Reserved 0x3000 R/W [7:0] Reserved ILED3_SLEW[2:0] ILED3_COARSE[3:0] 0x23 ILED1_ COARSE [15:8] Reserved ILED1_SCALE Reserved 0x3000 R/W [7:0] Reserved ILED1_SLEW[2:0] ILED1_COARSE[3:0] 0x24 ILED2_ COARSE [15:8] Reserved ILED2_SCALE Reserved 0x3000 R/W [7:0] Reserved ILED2_SLEW[2:0] ILED2_COARSE[3:0] 0x25 ILED_FINE [15:8] ILED3_FINE[4:0] ILED2_FINE[4:2] 0x630C R/W [7:0] ILED2_FINE[1:0] Reserved ILED1_FINE[4:0] 0x30 SLOTA_LED_ PULSE [15:8] Reserved SLOTA_LED_WIDTH[4:0] 0x0320 R/W [7:0] SLOTA_LED_OFFSET[7:0] 0x31 SLOTA_ NUMPULSES [15:8] SLOTA_LED_NUMBER[7:0] 0x0818 R/W [7:0] SLOTA_LED_PERIOD[7:0] 0x34 LED_ DISABLE [15:8] Reserved SLOTB_ LED_DIS SLOTA_ LED_DIS 0x0000 R/W [7:0] Reserved 0x35 SLOTB_LED_ PULSE [15:8] Reserved SLOTB_LED_WIDTH[4:0] 0x0320 R/W [7:0] SLOTB_LED_OFFSET[7:0] 0x36 SLOTB_ NUMPULSES [15:8] SLOTB_LED_NUMBER[7:0] 0x0818 R/W [7:0] SLOTB_LED_PERIOD[7:0] 0x37 ALT_PWR_ DN [15:8] CH34_DISABLE[15:13] CH2_DISABLE[12:10] Reserved 0x0000 R/W [7:0] Reserved 0x38 EXT_SYNC_ STARTUP [15:8] EXT_SYNC_STARTUP[15:8] 0x000 R/W [7:0] EXT_SYNC_STARTUP[7:0] 0x39 SLOTA_AFE_ WINDOW [15:8] SLOTA_AFE_WIDTH[4:0] SLOTA_AFE_OFFSET[5:3] 0x22FC R/W [7:0] SLOTA_AFE_OFFSET[2:0] SLOTA_AFE_FOFFSET[4:0] 0x3B SLOTB_AFE_ WINDOW [15:8] SLOTB_AFE_WIDTH[4:0] SLOTB_AFE_OFFSET[5:3] 0x22FC R/W [7:0] SLOTB_AFE_OFFSET[2:0] SLOTB_AFE_FOFFSET[4:0] 0x3C AFE_PWR_ CFG1 [15:8] Reserved Reserved Reserved V_CATHODE AFE_ POWER- DOWN[5] 0x3006 R/W [7:0] AFE_POWERDOWN[4:0] Reserved 0x42 SLOTA_ TIA_CFG [15:8] SLOTA_AFE_MODE[7:0] 0x1C38 R/W [7:0] SLOTA_INT_ AS_BUF SLOTA_TIA_ IND_EN SLOTA_TIA_VBIAS[1:0] Reserved (write 0x1) SLOTA_TIA_GAIN[1:0] 0x43 SLOTA_ AFE_CFG [15:8] SLOTA_AFE_CFG[15:8] 0xADA5 R/W [7:0] SLOTA_AFE_CFG[7:0] 0x44 SLOTB_ TIA_CFG [15:8] SLOTB_AFE_MODE[7:0] 0x1C38 R/W [7:0] SLOTB_INT_ AS_BUF SLOTB_ TIA_IND_EN SLOTB_TIA_VBIAS[1:0] Reserved (write 0x1) SLOTB_TIA_GAIN[1:0] 0x45 SLOTB_ AFE_CFG [15:8] SLOTB_AFE_CFG[15:8] 0xADA5 R/W [7:0] SLOTB_AFE_CFG[7:0] 0x4B SAMPLE_ CLK [15:8] Reserved CLK32K_ BYP 0x2612 R/W [7:0] CLK32K_EN Reserved CLK32K_ADJUST[5:0] 0x4D CLK32M_ ADJUST [15:8] Reserved 0x0098 R/W [7:0] CLK32M_ADJUST[7:0] 0x4E ADC_CLOCK [15:8] ADC_TIMING[15:8] 0x0060 R/W [7:0] ADC_TIMING[7:0] 0x4F EXT_SYNC_ SEL [15:8] Reserved 0x2090 R/W [7:0] Reserved GPIO1_OE GPIO1_IE Reserved EXT_SYNC_SEL[1:0] GPIO0_IE Reserved 0x50 CLK32M_ CAL_EN [15:8] Reserved 0x0000 R/W [7:0] Reserved GPIO1_CTRL CLK32M_ CAL_EN Reserved 0x54 AFE_PWR_ CFG2 [15:8] SLOTB_ SINGLE_CH_ DIG_INT SLOTA_ SINGLE_CH_ DIG_INT SLEEP_V_CATHODE [1:0] SLOTB_V_CATHODE[1:0] SLOTA_V_CATHODE[1:0] 0x0020 R/W [7:0] REG54_VCAT_ ENABLE Reserved 0x55 TIA_INDEP_ GAIN [15:8] DIGINT_POWER[2:0] Reserved SLOTB_TIA_GAIN_4[1:0] SLOTB_TIA_GAIN_3[1:0] 0x0000 R/W [7:0] SLOTB_TIA_GAIN_2[1:0] SLOTA_TIA_GAIN_4[1:0] SLOTA_TIA_GAIN_3[1:0] SLOTA_TIA_GAIN_2[1:0] |