Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZH03B Datasheet(PDF) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

No. de pieza ZH03B
Descripción Electrónicos  Laser Dust Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Página de inicio  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZH03B Datasheet(HTML) 4 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZH03B Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 8Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 9Page - Zhengzhou Winsen Electronics Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
Fig1.Pins
Fig2.Part no. of Pins(A=8x1.25)
Stable2.Pins definition
PIN1
VDD
DC +5V
PIN2
GND
GND
PIN3
-
NC
PIN4
RXD
Serial port receive TTL@3.3V
PIN5
TXD
Serial port send TTL@3.3V
PIN6
-
hang in air for users
PIN7
-
NC
PIN8
PWM output
TTL@3.3V
Communication Protocol
1. General Settings
Baud rate
9600
Date byte
8 bytes
Stop byte
1 byte
Check byte
no
Outlet(fan)
Inlet



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com