Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACT125 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza 74ACT125
Descripción Electrónicos  Quad Buffer with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT125 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  74ACT125 Datasheet HTML 1Page - National Semiconductor (TI) 74ACT125 Datasheet HTML 2Page - National Semiconductor (TI) 74ACT125 Datasheet HTML 3Page - National Semiconductor (TI) 74ACT125 Datasheet HTML 4Page - National Semiconductor (TI) 74ACT125 Datasheet HTML 5Page - National Semiconductor (TI) 74ACT125 Datasheet HTML 6Page - National Semiconductor (TI) 74ACT125 Datasheet HTML 7Page - National Semiconductor (TI) 74ACT125 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74AC
125
P
C
QR
Temperature Range Family
Special Variations
74AC e Commercial
X e
Devices shipped in 13 reels
54AC e Military
QR e
Commercial grade device
74ACT e Commercial TTL-Compatible
with burn-in
QB e
Military grade device with
Device Type
environmental and burn-in
processing shipped in tubes
Package Code
P e Plastic DIP
Temperature Range
D e Ceramic DIP
C e Commercial (b40 Cto a85 C)
F e Flatpak
M e Military (b55 Cto a125 C)
L e Leadless Ceramic Chip Carrier (LCC)
S e Small Outline (SOIC)
5



Html Pages

1 2 3 4 5 6 7 8