Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EPC2015C Datasheet(PDF) 6 Page - Efficient Power Conversion Corporation.

No. de pieza EPC2015C
Descripción Electrónicos  Enhancement Mode Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPC-CO [Efficient Power Conversion Corporation.]
Página de inicio  https://epc-co.com/
Logo EPC-CO - Efficient Power Conversion Corporation.

EPC2015C Datasheet(HTML) 6 Page - Efficient Power Conversion Corporation.

  EPC2015C Datasheet HTML 1Page - Efficient Power Conversion Corporation. EPC2015C Datasheet HTML 2Page - Efficient Power Conversion Corporation. EPC2015C Datasheet HTML 3Page - Efficient Power Conversion Corporation. EPC2015C Datasheet HTML 4Page - Efficient Power Conversion Corporation. EPC2015C Datasheet HTML 5Page - Efficient Power Conversion Corporation. EPC2015C Datasheet HTML 6Page - Efficient Power Conversion Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
eGaN® FET DATASHEET
EPC2015C
EPC – POWER CONVERSION TECHNOLOGY LEADER | EPC-CO.COM | ©2021 |
| 6
RECOMMENDED
LAND PATTERN
(measurements in µm)
Pad no. 1 is Gate;
Pads no. 3, 5, 7, 9, 11 are Drain;
Pads no. 4, 6, 8, 10 are Source;
Pad no. 2 is Substrate.*
*Substrate pin should be connected to Source
The land pattern is solder mask defined.
RECOMMENDED
STENCIL DRAWING
(units in µm)
Recommended stencil should be 4 mil (100 μm)
thick, must be laser cut , opening per drawing.
The corner has a radius of R60.
Intended for use with SAC305 Type 3 solder,
reference 88.5% metals content.
Additional assembly resources available at
http://epc-co.com/epc/DesignSupport/
AssemblyBasics.aspx
3
4
5
7
6
9
8
10
11
x9
1
2
400
4105
400
x8
180
180
Efficient Power Conversion Corporation (EPC) reserves the right to make changes without further notice to any products herein to
improve reliability, function or design. EPC does not assume any liability arising out of the application or use of any product or circuit
described herein; neither does it convey any license under its patent rights, nor the rights of others.
eGaN® is a registered trademark of Efficient Power Conversion Corporation.
EPC Patent Listing: epc-co.com/epc/AboutEPC/Patents.aspx
DIE OUTLINE
Solder Bar View
Side View
Pad no. 1 is Gate;
Pads no. 3, 5, 7, 9, 11 are Drain;
Pads no. 4, 6, 8, 10 are Source;
Pad no. 2 is Substrate.*
*Substrate pin should be connected to Source
DIM
MICROMETERS
MIN
Nominal
MAX
A
4075
4105
4135
B
1602
1635
1662
c
1379
1382
1385
d
577
580
583
e
235
250
265
f
195
200
205
g
400
400
400
A
e
g
3
4
5
7
6
9
8
10
11
g
x8
f
f
x9
2
1
Seating Plane
3
4
5
7
6
9
8
10
11
x9
1
2
400
4105
400
x8
180
180
R60
Information subject to
change without notice.
Revised April, 2021



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com