| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EM6325AX-4.4 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA |
|
|
|||||||||||||||||||||||||||||
EM6325AX-4.4 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA |
|
7 / 8 page ![]() EM6325 Copyright © 2005, EM Microelectronic-Marin SA 7 www.emmicroelectronic.com Package Information Dimensions are in mm L C A1 A2 A D b e e1 E1 E SOT23-5L SYM BOL M IN TYP M AX A 0.90 1.30 1.45 A 1 0.05 0.08 0.15 A 2 0.90 1.15 1.30 b0.35 0.50 C0.08 0.20 D 2.80 2.90 3.00 E 2.60 2.80 3.00 E1 1.50 1.75 e0.95 e1 1.90 L 0.45 L Q1 c E D HE e e PIN 1 NOTE: All dimensions are in millimeters Dimensions are inclusive of plating Dimensions are exclusive of mold flash & metal burr All specifications comply to EIAJ SC70 A A1 A2 SYMBOL MIN MAX e D1.80 2.20 b0.15 0.30 E1.15 1.35 HE 1.80 2.40 Q1 0.10 0.40 A2 0.80 1.00 A1 0.00 0.10 A0.80 1.10 c0.10 0.18 L0.10 0.30 0.65 BSC b SC70-5L |