| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BC847C Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BC847C Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() BC847B BC847C SMALL SIGNAL NPN TRANSISTORS PRELIMINARY DATA s SILICON EPITAXIAL PLANAR NPN TRANSISTORS s MINIATURE SOT-23 PLASTIC PACKAGE FOR SURFACE MOUNTING CIRCUITS s TAPE AND REEL PACKING s BC847B - THE PNP COMPLEMENTARY TYPE IS BC857B APPLICATIONS s WELL SUITABLE FOR PORTABLE EQUIPMENT s SMALL LOAD SWITCH TRANSISTORS WITH HIGH GAIN AND LOW SATURATION VOLTAGE ® INTERNAL SCHEMATIC DIAGRAM June 2002 SOT-23 Type Marking BC847B 1F BC847C 1G ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCBO Collector-Base Voltage (IE = 0) 50 V VCEO Collector-Emitter Voltage (IB = 0) 45 V VEBO Emitter-Base Voltage (IC = 0) 6 V IC Collector Current 100 mA ICM Collector Peak Current 200 mA Ptot Total Dissipation at TC = 25 oC 250 mW Tstg Storage Temperature -65 to 150 oC Tj Max. Operating Junction Temperature 150 oC 1/4 |
Número de pieza similar - BC847C |
|
Descripción similar - BC847C |