Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD301B Datasheet(PDF) 4 Page - Microchip Technology

No. de pieza UPD301B
Descripción Electrónicos  Stand-alone USB Type-C??Power Delivery 3.0 Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301B Datasheet(HTML) 4 Page - Microchip Technology

  UPD301B Datasheet HTML 1Page - Microchip Technology UPD301B Datasheet HTML 2Page - Microchip Technology UPD301B Datasheet HTML 3Page - Microchip Technology UPD301B Datasheet HTML 4Page - Microchip Technology UPD301B Datasheet HTML 5Page - Microchip Technology UPD301B Datasheet HTML 6Page - Microchip Technology UPD301B Datasheet HTML 7Page - Microchip Technology UPD301B Datasheet HTML 8Page - Microchip Technology UPD301B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
UPD301B/C
DS00003412A-page 4
2020 Microchip Technology Inc.
1.0
PREFACE
1.1
Glossary of Terms
TABLE 1-1:
GLOSSARY OF TERMS
Term
Definition
BCI
Baseband CC Interface
Billboard
USB Billboard Device. A required USB device class for UFPs which support Alternate Modes
in order to provide product information to the USB Host.
BIST
Built-In Self Test
BMC
Bi-phase Mark Coding
Byte
8-bits
CC
Generic reference to USB Type-C™ Cable / Connector CC1/CC2 pins
CSR
Control and Status Register
DFP
Downstream Facing Port (USB Type-C™ Specification definition)
DP
DisplayPort (a VESA standard interface)
DRP
Dual-Role Power
ESD
Electro-Static Discharge
FIFO
First In First Out buffer
GPIO
General Purpose Input/Output
Host
External system (Includes processor, application software, etc.)
HBM
Human Body Model (Simulates ESD from humans)
HS
High-Speed
LDO
Linear Drop-Out regulator
MAC
Media Access Controller
Microchip
Microchip Technology Incorporated
N/A
Not Applicable
NC
No Connect (pin)
OCS
Over-Current Sense
PD / UPD
USB Power Delivery
PDO
Power Delivery Object (USB PD Specification definition)
PDOs enable the port to indicate its Port Partner supported combinations of Voltage/Current or
Power as well as the type of supply (Fixed, Variable, Battery) in Source Role or Sink Role.
PIO
General Purpose I/O
POR
Power-On Reset
Port Partner
Remote port which is connected to the UPD301B/C’s local port
PRBS
Pseudo Random Binary Sequence
Source Role
USB Type-C port is sinking power from its Port Partner
Source-only
Operation
Operation exclusively in USB Type-C / Power Delivery Source Role as defined in the USB
Type-C and Power-Delivery specifications. In this mode of operation, USB Type-C Dual-Role
Power Operation is not supported and there is no support for USB Power Role Swap.
SPI
Serial Peripheral Interface
SS
SuperSpeed
Stand-alone Mode Chip operation without the control or configuration by an external MCU. Policy is defined locally
by the UPD301B/C firmware. Configuration is achieved by use of configuration straps.
UFP
Upstream Facing Port (USB Type-C™ Specification definition)
USB
Universal Serial Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45