Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSP430F2012IPW Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
No. de pieza MSP430F2012IPW
Descripción Electrónicos  MIXED SIGNAL MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IPW Datasheet(HTML) 66 Page - Texas Instruments

Back Button MSP430F2012IPW Datasheet HTML 62Page - Texas Instruments MSP430F2012IPW Datasheet HTML 63Page - Texas Instruments MSP430F2012IPW Datasheet HTML 64Page - Texas Instruments MSP430F2012IPW Datasheet HTML 65Page - Texas Instruments MSP430F2012IPW Datasheet HTML 66Page - Texas Instruments MSP430F2012IPW Datasheet HTML 67Page - Texas Instruments MSP430F2012IPW Datasheet HTML 68Page - Texas Instruments MSP430F2012IPW Datasheet HTML 69Page - Texas Instruments MSP430F2012IPW Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 80 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491A − AUGUST 2005 − REVISED OCTOBER 2005
66
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION, MSP430x20x3
Port P1 (P1.0 to P1.3) pin functions, MSP430x20x3
PIN NAME (P1.X)
X
FUNCTION
CONTROL BITS / SIGNALS
PIN NAME (P1.X)
X
FUNCTION
P1DIR.x
P1SEL.x
SD16AE.x
INCHx
P1.0/TACLK/ACLK/A0+
0
P1.0† Input/Output
0/1
0
0
N/A
P1.0/TACLK/ACLK/A0+
0
Timer_A2.TACLK/INCLK
0
1
0
N/A
ACLK
1
1
0
N/A
A0+ (see Note 3)
X
X
1
0
P1.1/TA0/A0−/A4+
1
P1.1† Input/Output
0/1
0
0
N/A
P1.1/TA0/A0−/A4+
1
Timer_A2.CCI0A
0
1
0
N/A
Timer_A2.TA0
1
1
0
N/A
A0− (see Notes 3, 4)
X
X
1
0
A4+ (see Note 3)
X
X
1
4
P1.2/TA1/A1+/A4−
2
P1.2† Input/Output
0/1
0
0
N/A
P1.2/TA1/A1+/A4−
2
Timer_A2.CCI1A
0
1
0
N/A
Timer_A2.TA1
1
1
0
N/A
A1+ (see Note 3)
X
X
1
1
A4− (see Notes 3, 4)
X
X
1
4
P1.3/VREF/A1−
3
P1.3† Input/Output
0/1
0
0
N/A
P1.3/VREF/A1−
3
VREF
X
1
0
N/A
A1− (see Notes 3, 4)
X
X
1
1
† Default after reset (PUC/POR)
NOTES:
1. N/A: Not available or not applicable.
2. X: Don’t care.
3. Setting the SD16AE.x bit disables the output driver as well as the input schmitt trigger to prevent parasitic cross currents when
applying analog signals.
4. With SD16AE.x = 0 the negative inputs are connected to VSS if the corresponding input is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com