Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSP430F2012 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
No. de pieza MSP430F2012
Descripción Electrónicos  MIXED SIGNAL MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012 Datasheet(HTML) 30 Page - Texas Instruments

Back Button MSP430F2012 Datasheet HTML 26Page - Texas Instruments MSP430F2012 Datasheet HTML 27Page - Texas Instruments MSP430F2012 Datasheet HTML 28Page - Texas Instruments MSP430F2012 Datasheet HTML 29Page - Texas Instruments MSP430F2012 Datasheet HTML 30Page - Texas Instruments MSP430F2012 Datasheet HTML 31Page - Texas Instruments MSP430F2012 Datasheet HTML 32Page - Texas Instruments MSP430F2012 Datasheet HTML 33Page - Texas Instruments MSP430F2012 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491A − AUGUST 2005 − REVISED OCTOBER 2005
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
calibrated DCO frequencies − tolerance over supply voltage VCC
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
1 MHz tolerance over VCC
25
°C
1.8 V − 3.6 V
−2.5
±2
+2.5
%
8 MHz tolerance over VCC
25
°C
1.8 V − 3.6 V
−2.5
±2
+2.5
%
12 MHz tolerance over VCC
25
°C
2.2 V − 3.6 V
−2.5
±2
+2.5
%
16 MHz tolerance over VCC
25
°C
3.0 V − 3.6 V
−3
±2
+3
%
fCAL(1MHz) 1MHz calibration value
BCSCTL1= CALBC1_1MHz;
DCOCTL = CALDCO_1MHz
Gating time: 5ms
25
°C
1.8 V − 3.6 V
0.970
1
1.030
MHz
fCAL(8MHz) 8MHz calibration value
BCSCTL1= CALBC1_8MHz;
DCOCTL = CALDCO_8MHz
Gating time: 5ms
25
°C
1.8 V − 3.6 V
7.760
8
8.240
MHz
fCAL(12MHz) 12MHz calibration value
BCSCTL1= CALBC1_12MHz;
DCOCTL = CALDCO_12MHz
Gating time: 5ms
25
°C
2.2 V − 3.6 V
11.64
12
12.36
MHz
fCAL(16MHz) 16MHz calibration value
BCSCTL1= CALBC1_16MHz;
DCOCTL = CALDCO_16MHz
Gating time: 2ms
25
°C
3.0 V − 3.6 V
15.00
16
16.48
MHz
calibrated DCO frequencies − overall tolerance
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
1 MHz tolerance overall
−40
°C − +85°C
1.8 V − 3.6 V
−5
±2
+5
%
8 MHz tolerance overall
−40
°C − +85°C
1.8 V − 3.6 V
−5
±2
+5
%
12 MHz tolerance overall
−40
°C − +85°C
2.2 V − 3.6 V
−5
±2
+5
%
16 MHz tolerance overall
−40
°C − +85°C
3.0 V − 3.6 V
−6
±3
+6
%
fCAL(1MHz) 1MHz calibration value
BCSCTL1= CALBC1_1MHz;
DCOCTL = CALDCO_1MHz
Gating time: 5ms
−40
°C − +85°C
1.8 V − 3.6 V
0.950
1
1.050
MHz
fCAL(8MHz) 8MHz calibration value
BCSCTL1= CALBC1_8MHz;
DCOCTL = CALDCO_8MHz
Gating time: 5ms
−40
°C − +85°C
1.8 V − 3.6 V
7.600
8
8.400
MHz
fCAL(12MHz) 12MHz calibration value
BCSCTL1= CALBC1_12MHz;
DCOCTL = CALDCO_12MHz
Gating time: 5ms
−40
°C − +85°C
2.2 V − 3.6 V
11.40
12
12.60
MHz
fCAL(16MHz) 16MHz calibration value
BCSCTL1= CALBC1_16MHz;
DCOCTL = CALDCO_16MHz
Gating time: 2ms
−40
°C − +85°C
3.0 V − 3.6 V
15.00
16
17.00
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com