Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTN2-0040 Datasheet(PDF) 4 Page - Marki Microwave

No. de pieza BTN2-0040
Descripción Electrónicos  HIGH POWER BIAS TEE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MARKIMICROWAVE [Marki Microwave]
Página de inicio  https://www.markimicrowave.com/
Logo MARKIMICROWAVE - Marki Microwave

BTN2-0040 Datasheet(HTML) 4 Page - Marki Microwave

  BTN2-0040 Datasheet HTML 1Page - Marki Microwave BTN2-0040 Datasheet HTML 2Page - Marki Microwave BTN2-0040 Datasheet HTML 3Page - Marki Microwave BTN2-0040 Datasheet HTML 4Page - Marki Microwave  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
215 Vineyard Court, Morgan Hill, CA 95037 | Ph: 408.778.4200 | Fax 408.778.4300 | info@markimicrowave.com
Copyright © 2020 Marki Microwave, Inc. | Rev. B
HIGH POWER BIAS TEE
BTN2-0040
Page 4
Fig. 10. Oscilloscope measurements of the BTN2-0040 with a 10Gb/s PRBS pattern. Eye diagrams are taken
with a 231-1 PRBS input demonstrating minimal eye distortion/closure afforded by the extremely low frequency
operation of the bias tee.
Model Number
Description
BTN2-0040
3 MHz to 40 GHz High Power Bias Tee
with 2.92 mm connectors1, LEAD-FREE/RoHS COMPLIANT
1Consult factory for other connector options.
Revision History
Revision code
Revision Date
Comment
B
May 2020
RoHS Compliant Assembly
Marki Microwave reserves the right to make changes to the product(s) or information contained herein without notice. Marki Microwave makes no
warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Marki Microwave assume any liability
whatsoever arising out of the use of or application of any product.
INPUT
OUTPUT



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com