| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KTS-2A-C/B Datasheet(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
KTS-2A-C/B Datasheet(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: KTS KTS SPECIFICATIONS ES-3531 Rev.12 Page 3/3 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS unit: mm (inch) 3 4 5 6 2 1 8 7 50 (1.97) 103 (4.06) 123 (4.84) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 15 (.59) deep 8–M3.5 SCREW • When mounting, no extra space is needed between units. TERMINAL ASSIGNMENTS unit: mm (inch) 5 6 2 1 8 7 3 4 CJC SENSOR (model: CJM) *Deleted with Option /N * SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation Base Socket S Z * Deleted with Option /N. **Deleted with Option /N or B thermocouple. Low Drift Amplifier Output Driver OUTPUT 1 2 U(+) V(–) POWER 7 8 + – T / C CJC SENSOR metal leg model: CJM comp. leadwire 3 5 4 + – 6 Linearizer CJC Sensing Volt. Generator ** * Specifications are subject to change without notice. |