Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HM7828P5R Datasheet(PDF) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

No. de pieza HM7828P5R
Descripción Electrónicos  0.5A Low Power LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Página de inicio  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7828P5R Datasheet(HTML) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM7828P5R Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5R Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5R Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5R Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5R Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5R Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5R Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5R Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5R Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Absolute Maximum Ratings
Supply Voltage ................................3.5V to 18V
Operating Temperature .................-40℃ to 85℃
Storage Temperature ..................-40℃ to 125℃
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maximum Ratings” may cause
substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the
specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
Electrical Characteristics
XX for any output voltage
(Ta=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
Vout
Vin=Vout+1V
1.0mA≤Iout≤30mA
Vout×0.98
--
Vout×1.02
V
Output Current*1
Iout
Vin-Vout=1.5V
--
500
--
mA
Low dropout*2
Vdrop
Refer to the next table
Line Regulation
OUT
IN
OUT
V
V
V
4.3
V≤Vin≤8V
Iout=100mA
--
0.75
0.9
%/V
Load Regulation
△Vout
Vin= Vout+1V
1.0mA≤Iout≤100mA
--
12
30
mV
Output voltage
Temperature
Coefficiency
Ta
V
OUT
Iout=30mA
0℃
≤Ta≤70℃
--
±100
--
Ppm/℃
PSRR
PSRR
F=1KHz
Vin=Vout+1V
--
40
--
dB
Supply Current
Iss1
--
--
1
2
uA
Input Voltage
Vin
--
3.5
--
15
V
Electrical Characteristics by Output Voltage:
Output Voltage
Vout(V)
Dropout Voltage Vdif(V)
Conditions
Typ.
Max.
2.0 < Vout ≤ 2.8
Iout=80 mA
0.4
0.6
2.8
< Vout ≤ 4.0
Iout=100 mA
0.26
0.46
4.0 < Vout ≤ 5.0
0.23
0.42
2.8
< Vout ≤ 4.0
Iout=200 mA
0.53
0.82
4.0 < Vout ≤ 5.0
0.42
0.76
3.0 < Vout ≤ 4.0
Iout=500 mA
1.5
1.8
4.0 < Vout ≤ 5.0
1.2
1.5
6
HM78XX
0.5A Low Power LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com