| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M2MS-Z-M2/N Datasheet(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2MS-Z-M2/N Datasheet(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 5 page ![]() MODEL: M2MS M2MS SPECIFICATIONS ES-5015 Rev.22 Page 5/5 http://www.m-system.co.jp/ CUSTOM SPECIFICATION : OPTION /X1 Major specification changes Burnout: Upscale (Total resistance 1 - 5 kΩ) MODEL: M2MS–[1]–[2][3]/N/X1[3] Same as standard specification (without customization) except followings. Refer to standard specification pages. ORDERING INFORMATION • Code number: M2MS-[1]-[2][3]/N/X1[3] For [1] and [3] same code as standard specification is available. (e.g. M2MS-A-P/K/N/X1/Q) Refer to standard specification pages. • Specify total resistance (e.g. 1 kΩ). SPECIFICATION CHANGES ■ Input specifications Available input range • Total resistance: 1 - 5 kΩ ■ PERFORMANCE Accuracy: Refer to the table shown below. Temp. coefficient: Refer to the table shown below. Burnout time: ≤ 60 sec. ■ ACCURACY, TEMP. COEFFICIENT TOTAL RESISTANCE ACCURACY TEMP. COEFFICIENT 1kΩ ±0.2% ±0.03% ∕ °C 1kΩ < R ≤ 2kΩ ±0.25% ±0.03% ∕ °C 2kΩ < R ≤ 5kΩ ±0.3% ±0.04% ∕ °C |