Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

700HBAW Datasheet(PDF) 7 Page - GAPTEC Electronic GmbH & Co. KG

No. de pieza 700HBAW
Descripción Electrónicos  700W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Página de inicio  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

700HBAW Datasheet(HTML) 7 Page - GAPTEC Electronic GmbH & Co. KG

  700HBAW Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 700HBAW Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 700HBAW Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 700HBAW Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 700HBAW Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG 700HBAW Datasheet HTML 6Page - GAPTEC Electronic GmbH & Co. KG 700HBAW Datasheet HTML 7Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 7 of 7
700HBAW_1.5 – Rev. 2020-1.0
Specifications subject to change without notice.
700 W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
700HBAW_1.5 series
Outline Diagram
Dimensions are in millimeters and (inches).
Tolerances: x.x mm ± 0.5 mm (x.xx in. ± 0.02 in.) [unless otherwise indicated]
x.xx mm ± 0.25 mm (x.xxx in. ± 0.010 in. )
Figure 20. Outline Diagram
Pin options
L(Pin length)
standard
5.8(0.23)
Z1
2.8(0.11)
Z2
4.6(0.18)
Z3
3.6(0.14)
Z4
6.4(0.25)
Pin
S
Function
1
+Vin
Positive input voltage
2
REM
Remote control
3
FG
Case
4
-Vin
Negative input voltage
5
GND
Negative output voltage
6
-S
Negative remote compensation
7
TRIM
Output voltage trim
8
+S
Positive remote compensation
9
+Vo1
Positive output voltage
Dimensions are in millimeters and (inches).
Tolerances: x.x mm ± 0.5 mm (x.xx in. ± 0.02 in.) [unless otherwise indicated]
x.xx mm ± 0.25 mm (x.xxx in. ± 0.010 in. )
Figure 21. Recommended Pad Layout
Recommended Pad Layout



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com