| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
WM20 Datasheet(PDF) 20 Page - Carlo Gavazzi Holding AG |
|
|
|||||||||||||||||||||||||||||
WM20 Datasheet(HTML) 20 Page - Carlo Gavazzi Holding AG |
|
20 / 26 page ![]() 20 Carlo Gavazzi Controls S.p.A. Communication modules WM20 DS ENG 04/03/2019 Description Accessory module for WM analyzer family connected to the main unit that transmits system data remotely using a different communication protocol according to the version. Main features • Supported communication protocols: Modbus, BACnet, Profibus. See "Communication module overview " on page 21 • Configuration via main unit keypad or UCS configuration software • Easy mounting on main unit • Local bus connection to main unit Main functions • Transmit data remotely • Configure the system Communication module overview Module code Communication protocols Port M C 485232 Modbus RTU RS485, RS232 M C ETH Modbus TCP/IP Ethernet M C BAC IP BACnet IP, Modbus TCP/IP Ethernet M C BAC MS BACnet MS/TP RS485 Modbus TCP/IP Ethernet M C PB Profibus DP V0 slave RS485 Modbus RTU Micro-USB |