| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MA64101FBN Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
MA64101FBN Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd. |
|
2 / 6 page ![]() Fig. 1 Chip Fig. 5 Radial Wire Fig. 2 Pellet Fig. 6 Axial Ribbon Fig. 3 Micro-Strip Fig. 7 Narrow Axial Ribbon Fig. 4 Radial Ribbon Fig. 8 Axial Wire DIMENSIONS Y L T W L W T Y T W L Y W L Y T W L Y T Y W L T Y W L T Y W L T *Except where Tolerance is shown. Lead lengths are typical widths ±0.1mm, thickness & dia. ±0.05mm. All leaded parts are bonded with high temperature solder 748°F/398°C. CG01-J 119 APPLICATION SPECIFIC CAPACITORS HIGH FREQUENCY CERAMIC CAPACITORS MA/MB Series CONFIGURATION AND DIMENSIONS – MA & MB SERIES Type Case Dimensions: mm Band Style P90±20 P90±30 COG X7R Figure Size Configuration L ± 0.38* W ± 0.38* T max. Y Termination Chip MA10 — MA50 MA70 1 1.4 ± .25 Palladium Silver Pellet MA11 — MA51 MA71 2 1 Palladium Silver EIA 1.8 & Sn62 Solder Nickel Interfaced Style max. 1.4 ± .25 1.4 0.25 Palladium Silver, Pellet MA18 — MA58 MA78 2 0505 ±.1 Nickel Interface & Sn62 Solder Nickel Interfaced Palladium Silver, Chip MA19 — MA59 MA79 1 1.4 ± .25 Nickel Interface & Tin Plating Chip MA20 MB20 MA60 MA80 1 2.8 Palladium Silver Pellet MA21 MB21 MA61 MA81 2 3.3 max. Palladium Silver, & Sn62 Solder Micro MA22 MB22 MA62 MA82 3 3.4 Silver Ribbon: Strip 6.35 x 2.3 x 0.1mm Radial MA23 MB23 MA63 MA83 4 3.4 Silver Ribbon: Ribbon 6.35 x 2.3 x 0.1mm Radial MA24 MB24 MA64 MA84 5 2 3.8 #26AWG Silver Wire: Wire EIA 12.7 x 0.4mm Dia. Axial MA25 MB25 MA65 MA85 6 Style 3.4 2.8 2.5 0.38 Silver Ribbon: Ribbon 1010 ± .25 6.35 x 2.3 x 0.1mm Narrow Axial MA26 MB26 MA66 MA86 7 3.4 Silver Ribbon: Ribbon 6.35 x 1.25 x 0.1mm Axial MA27 MB27 MA67 MA87 8 3.8 #26AWG Silver Wire: Wire 12.7mm x 0.4mm Dia. Nickel Interfaced Palladium Silver, Pellet MA28 MB28 MA68 MA88 2 3.3 max. Nickel Interface & Sn62 Solder Nickel Interfaced Palladium Silver, Chip MA29 MB29 MA69 MA89 1 2.8 Nickel Interface & Tin Plating |