Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HV7620 Datasheet(PDF) 5 Page - Microchip Technology

No. de pieza HV7620
Descripción Electrónicos  40 MHz 32-Channel Serial-to-Parallel Converter with Push-Pull Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7620 Datasheet(HTML) 5 Page - Microchip Technology

  HV7620 Datasheet HTML 1Page - Microchip Technology HV7620 Datasheet HTML 2Page - Microchip Technology HV7620 Datasheet HTML 3Page - Microchip Technology HV7620 Datasheet HTML 4Page - Microchip Technology HV7620 Datasheet HTML 5Page - Microchip Technology HV7620 Datasheet HTML 6Page - Microchip Technology HV7620 Datasheet HTML 7Page - Microchip Technology HV7620 Datasheet HTML 8Page - Microchip Technology HV7620 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TEMPERATURE SPECIFICATIONS
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
TEMPERATURE RANGE
Operating Junction Temperature
TJ
–40
+85
°C
Maximum Junction Temperature
TJ(MAX)
+125
°C
Storage Temperature
TS
–65
+150
°C
PACKAGE THERMAL RESISTANCE
64-lead PQFP
JA
41
°C/W
 2019 Microchip Technology Inc.
DS20005779A-page 5
HV7620
Switching Waveforms
CLK
Data Input
50%
50%
50%
50%
t
SU
t
H
t
WL
t
f
t
WH
t
r
90%
10%
50%
90%
10%
50%
t
DLE
t
WLE
t
SLE
10%
90%
t
OFF
LE
t
ON
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
V
OH
V
OL
V
OH
V
OL
HV
OUT
HV
OUT
50%
50%
50%
50%
t
DHL
t
COF
t
CON
t
DLH
Data Valid
V
OH
V
OL
V
OH
V
OL
Data Output
10%
t
DLF
90%
t
DLN
V
IH
V
IL
V
OH
V
OL
BLA, BLB,
BLC, BLD, or CS
HV
OUT
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com