Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM79Q4457VC Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

No. de pieza AM79Q4457VC
Descripción Electrónicos  Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q4457VC Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AM79Q4457VC Datasheet HTML 17Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 18Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 19Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 20Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 21Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 22Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 23Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 24Page - List of Unclassifed Manufacturers AM79Q4457VC Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
SLAC Products
21
Master Clock
Notes:
1. The PCM clock frequency must be an integer multiple of the frame sync frequency. The maximum allowable PCM clock
frequency is 4.096 MHz. The actual PCM clock rate is dependent on the number of channels allocated within a frame. The
minimum clock frequency is 256 kHz.
2. t
TSO is defined as the time at which the output achieves the open circuit condition.
3. There is a special conflict detection circuitry that will prevent high-power dissipation from occurring when the DX pins of two
QSLAC-NP devices are tied together and one QSLAC-NP device starts to transmit before the other has gone into a
high-impedance state.
SWITCHING WAVEFORMS
Input and Output Waveforms for AC Tests
Master Clock Timing
No.
Symbol
Parameter
Min
Typ
Max
Units
38
A
MCY
Master Clock Accuracy
–100
+100
ppM
39
t
MCR
Rise Time of Clock
15
ns
40
t
MCF
Fall Time of Clock
15
ns
41
t
MCH
MCLK High Pulse Width
97
ns
42
t
MCL
MCLK Low Pulse Width
97
ns
Test
Points
2.0
0.8
2.0
0.8
2.4
0.45
19256A-015
38
39
42
41
40
20031A-005
V
IH
V
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44