Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MBR1045 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

No. de pieza MBR1045
Descripción Electrónicos  Low Power Loss/High Efficiency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Página de inicio  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MBR1045 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MBR1045 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MBR1045 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
MBR1035
MBR1045
VRRM
VRWM
VR
35
45
V
Average Rectified Forward Current
(TC = 135°C, Per Device)
IF(AV)
10
A
Peak Repetitive Forward Current,
(Square Wave, 20 kHz, TC = 135°C)
IFRM
10
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
150
A
Peak Repetitive Reverse Surge Current (2.0
ms, 1.0 kHz)
IRRM
1.0
A
Storage Temperature Range
Tstg
−65 to +175
°C
Operating Junction Temperature (Note 1)
TJ
−65 to +175
°C
Voltage Rate of Change
(Rated VR)
dv/dt
10,000
V/
ms
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Characteristic
Conditions
Symbol
Max
Unit
Maximum Thermal Resistance, Junction−to−Case
Min. Pad
RqJC
2.0
°C/W
Maximum Thermal Resistance, Junction−to−Ambient
Min. Pad
RqJA
60
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typical
Max
Unit
Instantaneous Forward Voltage (Note 2)
(iF = 10 Amps, Tj = 125°C)
(iF = 20 Amps, Tj = 125°C)
(iF = 20 Amps, Tj = 25°C)
vF
0.55
0.67
0.78
0.57
0.72
0.84
V
Instantaneous Reverse Current (Note 2)
(Rated dc Voltage, Tj = 125
°C)
(Rated dc Voltage, Tj = 25
°C)
iR
5.3
0.008
15
0.1
mA
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.
MBR1035, MBR1045
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2015
2/2



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com