Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ROG4K Datasheet(PDF) 3 Page - Carlo Gavazzi Holding AG

No. de pieza ROG4K
Descripción Electrónicos  EM210 energy analyzer current sensor (20-4000 A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Página de inicio  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

ROG4K Datasheet(HTML) 3 Page - Carlo Gavazzi Holding AG

  ROG4K Datasheet HTML 1Page - Carlo Gavazzi Holding AG ROG4K Datasheet HTML 2Page - Carlo Gavazzi Holding AG ROG4K Datasheet HTML 3Page - Carlo Gavazzi Holding AG ROG4K Datasheet HTML 4Page - Carlo Gavazzi Holding AG ROG4K Datasheet HTML 5Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Carlo Gavazzi Controls S.p.A.
ROG4K
ROG4K DS ENG
02/05/2018
Features
General
Material
Coil and EM210 connection cable: thermoplastic rubber, self-extinguishing degree V-0 (UL
94)
Opening/closing mechanism: PA6, self-extinguishing V-0 (UL 94)
Protection degree
IP52
EM210 connection cable
Type: 1000 V (UL Style 20940)
External diameter: 5 mm
Cables: 2, section 0.1288 mm2 (26 AWG)
Length: 2 m (customizable up to 50 m, upon request subject to minimum quantities)
Overvoltage category
Cat. III1000 V @50/60 Hz
Cat. IV600 V @50/60 Hz
Pollution degree
2
Insulation
double electrical insulation
Mounting
Cable
Busbar
Dimensions (mm) and weight
Code key
Coil length (mm)
Coil thickness (mm) External coil diam-
eter (mm)
Maximum conduc-
tor diameter (mm)
Weight (g)
ROG4K1002M4003X 400
12
139
115
130
ROG4K1002M6003X 600
12
203
179
160
ROG4K1002M9003X 900
12
299
275
200
Environmental specifications
Operating temperature
From -20 to +70 °C/from -4 to +158 °F
Storage temperature
From -20 to +70 °C/from -4 to +158 °F
Maximum altitude
2000 m
NOTE: R.H. < 85 % non-condensing.
Conformity
Directives
2014/35/EU (LVT - Low Voltage)
Standards
EN61010-1
Approvals



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com