Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD2942 Datasheet(PDF) 12 Page - STMicroelectronics

No. de pieza SD2942
Descripción Electrónicos  RF Power Transistors HF/VHF/UHF N - Channel MOSFETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2942 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SD2942 Datasheet HTML 6Page - STMicroelectronics SD2942 Datasheet HTML 7Page - STMicroelectronics SD2942 Datasheet HTML 8Page - STMicroelectronics SD2942 Datasheet HTML 9Page - STMicroelectronics SD2942 Datasheet HTML 10Page - STMicroelectronics SD2942 Datasheet HTML 11Page - STMicroelectronics SD2942 Datasheet HTML 12Page - STMicroelectronics SD2942 Datasheet HTML 13Page - STMicroelectronics SD2942 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
5 Mechanical Data
SD2942
12/14
5
Mechanical Data
Table 7.
M244 (.400 x .860 4/L BAL N/HERM W/FLG)
Figure 16. M244 Package Dimensions
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP
MAX.
A
5.59
5.84
0.220
0.230
B
5.08
0.200
C
3.02
3.28
0.119
0.129
D
9.65
9.91
0.380
0.390
E
19.81
20.82
0.780
0.820
F
10.92
11.18
0.430
0.440
G
27.94
1.100
H
33.91
34.16
1.335
1.345
I
0.10
0.15
0.004
0.006
J
1.52
1.78
0.060
0.070
K
2.59
2.84
0.102
0.112
L
4.83
5.84
0.190
0.230
M
10.03
10.34
0.395
0.407
N
21.59
22.10
0.850
0.870
Controlling Dimension: Inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14