Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTM4644 Datasheet(PDF) 26 Page - Analog Devices

No. de pieza LTM4644
Descripción Electrónicos  Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

LTM4644 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTM4644 Datasheet HTML 20Page - Analog Devices LTM4644 Datasheet HTML 21Page - Analog Devices LTM4644 Datasheet HTML 22Page - Analog Devices LTM4644 Datasheet HTML 23Page - Analog Devices LTM4644 Datasheet HTML 24Page - Analog Devices LTM4644 Datasheet HTML 25Page - Analog Devices LTM4644 Datasheet HTML 26Page - Analog Devices LTM4644 Datasheet HTML 27Page - Analog Devices LTM4644 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
LTM8051
26
Rev. 0
For more information www.analog.com
PACKAGE PHOTO
PACKAGE DESCRIPTION
Table 6. LTM8051 Pinout (Sorted by Pin Number)
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
A1
VOUT3
B1
VOUT3
C1
TRSS3
D1
FB3
E1
GND
F1
GND
G1
VIN23
A2
VOUT3
B2
VOUT3
C2
TRSS2
D2
FB2
E2
GND
F2
GND
G2
GND
A3
SHARE23
B3
GND
C3
GND
D3
GND
E3
GND
F3
GND
G3
GND
A4
VCC23
B4
GND
C4
GND
D4
GND
E4
GND
F4
GND
G4
GND
A5
BIAS23
B5
GND
C5
GND
D5
GND
E5
GND
F5
GND
G5
GND
A6
VOUT2
B6
VOUT2
C6
CLKOUT23
D6
CLKOUT14
E6
SYNC23
F6
SYNC14
G6
GND
A7
VOUT2
B7
VOUT2
C7
RUN23
D7
RUN14
E7
VIN1
F7
VIN4
G7
GND
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
H1
VIN23
J1
RT23
K1
RT14
L1
FB4
M1
VOUT1
N1
VOUT1
H2
GND
J2
TRSS1
K2
TRSS4
L2
FB1
M2
VOUT1
N2
VOUT1
H3
GND
J3
GND
K3
GND
L3
GND
M3
GND
N3
BIAS14
H4
GND
J4
GND
K4
GND
L4
GND
M4
GND
N4
VCC14
H5
GND
J5
GND
K5
GND
L5
GND
M5
GND
N5
SHARE14
H6
GND
J6
GND
K6
PG2
L6
PG1
M6
VOUT4
N6
VOUT4
H7
GND
J7
GND
K7
PG3
L7
PG4
M7
VOUT4
N7
VOUT4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28