Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-EL27-RU000 Datasheet(PDF) 1 Page - Broadcom Corporation.

No. de pieza HLMP-EL27-RU000
Descripción Electrónicos  Precision Optical Performance AlInGaP II LED Lamps
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOARDCOM [Broadcom Corporation.]
Página de inicio  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HLMP-EL27-RU000 Datasheet(HTML) 1 Page - Broadcom Corporation.

  HLMP-EL27-RU000 Datasheet HTML 1Page - Broadcom Corporation. HLMP-EL27-RU000 Datasheet HTML 2Page - Broadcom Corporation. HLMP-EL27-RU000 Datasheet HTML 3Page - Broadcom Corporation. HLMP-EL27-RU000 Datasheet HTML 4Page - Broadcom Corporation. HLMP-EL27-RU000 Datasheet HTML 5Page - Broadcom Corporation. HLMP-EL27-RU000 Datasheet HTML 6Page - Broadcom Corporation. HLMP-EL27-RU000 Datasheet HTML 7Page - Broadcom Corporation. HLMP-EL27-RU000 Datasheet HTML 8Page - Broadcom Corporation. HLMP-EL27-RU000 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Description
Precision Optical Performance AlInGaP II (aluminum indi-
um gallium phosphide) LEDs offer superior light output
for excellent readability in sunlight and dependable per-
formance. The AlInGaP II technology provides extremely
stable light output over long periods of time.
These LED lamps are untinted, nondiffused, T-13/4 pack-
ages incorporating second generation optics which pro-
duce well defined radiation patterns at specific viewing
cone angles.
These lamps are made with an advanced optical grade
epoxy offering superior high temperature and high
moisture resistance performance in outdoor signal and
sign applications. The maximum LED junction tempera-
ture limit of +130°C enables high temperature operation
in bright sunlight conditions. The epoxy contains both
uv-a and uv-b inhibitors to reduce the effects of long
term exposure to direct sunlight.
Benefits
• Viewing angles match traffic management require-
ments
• Colors meet automotive and traffic signal specifica-
tions
• Superior light output performance in outdoor environ-
ments
• Suitable for autoinsertion into PC boards
Features
• Well defined spatial radiation patterns
• Viewing angles: 15°, 23°, 30°
• High luminous output
• Colors:
592 nm Amber
617 nm Reddish-Orange
630 nm Red
• High operating temperature:
TJLED=+130°C
• Superior resistance to moisture
Applications
• Traffic management:
Traffic signals
Work zone warning lights
Variable message signs
• Commercial outdoor advertising:
Signs
Marquees
• Automotive:
Exterior and interior lights
HLMP-ELxx, HLMP-EHxx, HLMP-EDxx
Precision Optical Performance AlInGaP II LED Lamps
Data Sheet


Número de pieza similar - HLMP-EL27-RU000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL22-UX0DD AVAGO-HLMP-EL22-UX0DD Datasheet
462Kb / 11P
T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL22-UXKDD AVAGO-HLMP-EL22-UXKDD Datasheet
462Kb / 11P
T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL22-VWKDD AVAGO-HLMP-EL22-VWKDD Datasheet
462Kb / 11P
T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL23-UX0DD AVAGO-HLMP-EL23-UX0DD Datasheet
462Kb / 11P
T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL23-UXKDD AVAGO-HLMP-EL23-UXKDD Datasheet
462Kb / 11P
T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
More results

Descripción similar - HLMP-EL27-RU000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
Precision Optical Performance AlInGaP II LED Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
Broadcom Corporation.
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com