Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HSMZ-A100-R00J1 Datasheet(PDF) 8 Page - Broadcom Corporation.

No. de pieza HSMZ-A100-R00J1
Descripción Electrónicos  PLCC-2, Surface Mount LED Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOARDCOM [Broadcom Corporation.]
Página de inicio  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMZ-A100-R00J1 Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button HSMZ-A100-R00J1 Datasheet HTML 4Page - Broadcom Corporation. HSMZ-A100-R00J1 Datasheet HTML 5Page - Broadcom Corporation. HSMZ-A100-R00J1 Datasheet HTML 6Page - Broadcom Corporation. HSMZ-A100-R00J1 Datasheet HTML 7Page - Broadcom Corporation. HSMZ-A100-R00J1 Datasheet HTML 8Page - Broadcom Corporation. HSMZ-A100-R00J1 Datasheet HTML 9Page - Broadcom Corporation. HSMZ-A100-R00J1 Datasheet HTML 10Page - Broadcom Corporation. HSMZ-A100-R00J1 Datasheet HTML 11Page - Broadcom Corporation. HSMZ-A100-R00J1 Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Broadcom
AV02-0198EN
8
HSMx-A10x-xxxxx Data Sheet
PLCC-2, Surface Mount LED Indicator
Figure 2: Forward Current vs. Forward Voltage
Figure 3: Relative Intensity vs. Forward Current
3
0
FORWARD VOLTAGE – V
0
10
30
35
5
5
20
15
25
12
4
HSMC/J/L/A/E/Z/V/U
HSMM/N
HSMH
HSMS/D/Y/G
0
2
0
DC FORWARD CURRENT – mA
0
0.4
1.8
35
0.8
0.2
1.0
10
0.6
1.2
25
AlInGaP
Gap
515
30
1.4
1.6
AlGaAs
InGaN
Figure 4: Maximum Forward Current vs. Ambient Temper-
ature, Derated Based on TJMAX = 110°C, RθJA = 500 °C/W
Figure 5: Maximum Forward Current vs. Solder Point
Temperature, Derated Based on TJMAX = 110°C, RθJA = 180
°C/W or 280 °C/W
0
5
10
15
20
25
30
35
0
20
40
60
80
100
120
TEMPERATURE (°C)
HSMS/D/G/
Y/H/Z/V/U
HSME
HSMM/N
HSMC/J/L/A
0
5
10
15
20
25
30
35
0
20
406080
100
120
TEMPERATURE (°C)
HSMS/D/G/Y/H
HSMC/J/L/A
HSMZ/V/U
HSMM/N
HSME
Figure 6: Dominant Wavelength vs. Forward Current (InGaN
Devices)
Figure 7: Forward Voltage Shift vs. Temperature
0
2
0
CURRENT – mA
460
480
540
35
500
470
510
10
490
520
25
GREEN
515
30
530
BLUE
-0.3
-100
TEMPERATURE – °C
0.5
0.4
0.2
0.1
0
-0.2
150
50
-50
0
100
-0.1
0.3
GaP/AlGaAs/
AlInGaP
InGaN/GaN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com