Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMS320F28075PZP Datasheet(PDF) 24 Page - Texas Instruments

No. de pieza TMS320F28075PZP
Descripción Electrónicos  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZP Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS320F28075PZP Datasheet HTML 20Page - Texas Instruments TMS320F28075PZP Datasheet HTML 21Page - Texas Instruments TMS320F28075PZP Datasheet HTML 22Page - Texas Instruments TMS320F28075PZP Datasheet HTML 23Page - Texas Instruments TMS320F28075PZP Datasheet HTML 24Page - Texas Instruments TMS320F28075PZP Datasheet HTML 25Page - Texas Instruments TMS320F28075PZP Datasheet HTML 26Page - Texas Instruments TMS320F28075PZP Datasheet HTML 27Page - Texas Instruments TMS320F28075PZP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 192 page
background image
TERMINAL
I/O/Z
(1)
DESCRIPTION
NAME
MUX
POSITION
PTP
PIN
NO.
PZP
PIN
NO.
VDDIO
3
2
3.3-V digital I/O power pins. Place a minimum 0.1-µF
decoupling capacitor on each pin. The exact value of the
decoupling capacitance should be determined by your system
voltage regulation solution.
11
10
15
15
20
40
26
44
62
55
68
62
75
72
82
79
88
83
91
90
99
94
106
–
114
–
116
–
127
–
138
–
147
–
152
–
159
–
168
–
VDDOSC
120
65
Power pins for the 3.3-V on-chip crystal oscillator (X1 and X2)
and the two zero-pin internal oscillators (INTOSC). Place a
0.1-μF (minimum) decoupling capacitor on each pin.
125
70
VSS
PWR
PAD
PWR
PAD
Device ground. For Quad Flatpacks (QFPs), the PowerPAD
on the bottom of the package must be soldered to the ground
plane of the PCB.
VSSOSC
122
67
Crystal oscillator (X1 and X2) ground pin. When using an
external crystal, do not connect this pin to the board ground.
Instead, connect it to the ground reference of the external
crystal oscillator circuit.
If an external crystal is not used, this pin may be connected to
the board ground.
VSSA
32
17
Analog ground.
On the PZP package, pin 17 is double-bonded to VSSA and
VREFLOA. This pin must be connect to VSSA.
34
35
52
36
SPECIAL FUNCTIONS
ERRORSTS
92
–
O
Error status output. This pin has an internal pulldown.
TEST PINS
FLT1
73
42
I/O
Flash test pin 1. Reserved for TI. Must be left unconnected.
FLT2
74
43
I/O
Flash test pin 2. Reserved for TI. Must be left unconnected.
(1)
I = Input, O = Output, OD = Open Drain, Z = High Impedance
(2)
High-Speed SPI-enabled GPIO mux option. This pin mux option is required when using the SPI in High-Speed Mode (HS_MODE = 1
in SPICCR). This mux option is still available when not using the SPI in High-Speed Mode (HS_MODE = 0 in SPICCR).
(3)
This pin has output impedance that can be as low as 22 Ω. This output could have fast edges and ringing depending on the system
PCB characteristics. If this is a concern, the user should take precautions such as adding a 39Ω (10% tolerance) series termination
resistor or implement some other termination scheme. It is also recommended that a system-level signal integrity analysis be
performed with the provided IBIS models. The termination is not required if this pin is used for input function.
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com