| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADA4355ABCZ Datasheet(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4355ABCZ Datasheet(HTML) 8 Page - Analog Devices |
|
8 / 45 page ![]() ADA4355 Data Sheet Rev. A | Page 8 of 45 ADC LVDS Output Timing Diagram BYTEWISE MODE INPUT CLKN BITWISE MODE SDR DDR MSB D12 D11 D10 D09 D08 D07 D06 MSB D12 D11 D10 D09 D08 D07 D06 LSB 0 0 D05 D04 D03 D02 D01 D05 D04 D03 D02 D01 LSB 0 0 MSB D11 D09 D07 D05 D03 D01 0 MSB N – 16 D11 D09 D07 D05 D03 D01 0 D12 N – 17 D10 N – 17 D08 N – 17 D06 N – 17 D04 N – 17 D02 N – 17 LSB N – 17 0 N – 17 N – 17 N – 17 N – 17 N – 17 N – 17 N – 17 N – 17 N – 17 N – 17 N – 17 N – 17 N – 17 N – 17 N – 17 N – 17 N – 17 N – 17 N – 17 N – 17 N – 17 N – 17 N – 17 N – 17 N – 17 D12 D10 D08 D06 D04 D02 LSB 0 tA tDATA tLD tEH tFCO tFRAME tPD tCPD tEL N – 1 N N + 1 CLKP DCON DCOP DCON DCOP FCON FCOP D0AN D0AP D1AN D1AP FCON FCOP D0AN D0AP D1AN D1AP N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 N – 16 Figure 6. 16-Bit DDR/Single Data Rate (SDR), Two-Lane, 1× Frame Mode (Default) |