Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISO6740FDWR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ISO6740FDWR
Descripción Electrónicos  ISO674x General-Purpose Reinforced Quad-Channel Digital Isolators with Robust EMC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ISO6740FDWR Datasheet(HTML) 39 Page - Texas Instruments

Back Button ISO6740FDWR Datasheet HTML 35Page - Texas Instruments ISO6740FDWR Datasheet HTML 36Page - Texas Instruments ISO6740FDWR Datasheet HTML 37Page - Texas Instruments ISO6740FDWR Datasheet HTML 38Page - Texas Instruments ISO6740FDWR Datasheet HTML 39Page - Texas Instruments ISO6740FDWR Datasheet HTML 40Page - Texas Instruments ISO6740FDWR Datasheet HTML 41Page - Texas Instruments ISO6740FDWR Datasheet HTML 42Page - Texas Instruments ISO6740FDWR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
ISO6740DWR
SOIC
DW
16
2000
367.0
367.0
45.0
ISO6740FDWR
SOIC
DW
16
2000
367.0
367.0
45.0
ISO6741DWR
SOIC
DW
16
2000
367.0
367.0
45.0
ISO6741FDWR
SOIC
DW
16
2000
367.0
367.0
45.0
ISO6742DWR
SOIC
DW
16
2000
367.0
367.0
45.0
ISO6742FDWR
SOIC
DW
16
2000
367.0
367.0
45.0
www.ti.com
ISO6740, ISO6741, ISO6742
SLLSFJ6C – DECEMBER 2019 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ISO6740 ISO6741 ISO6742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44