Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74V2G04 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza 74V2G04
Descripción Electrónicos  TRIPLE INVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2G04 Datasheet(HTML) 4 Page - STMicroelectronics

  74V2G04 Datasheet HTML 1Page - STMicroelectronics 74V2G04 Datasheet HTML 2Page - STMicroelectronics 74V2G04 Datasheet HTML 3Page - STMicroelectronics 74V2G04 Datasheet HTML 4Page - STMicroelectronics 74V2G04 Datasheet HTML 5Page - STMicroelectronics 74V2G04 Datasheet HTML 6Page - STMicroelectronics 74V2G04 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
74V2G04
4/7
TEST CIRCUIT
CL =15/50pF or equivalent (includes jig and probe capacitance)
RT =ZOUT of pulse generator (typically 50Ω)
WAVEFORM: PROPAGATION DELAY (f=1MHz; 50% duty cycle)



Html Pages

1 2 3 4 5 6 7