Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XIO2000AI Datasheet(PDF) 21 Page - Texas Instruments

No. de pieza XIO2000AI
Descripción Electrónicos  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 21 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 17Page - Texas Instruments XIO2000AI Datasheet HTML 18Page - Texas Instruments XIO2000AI Datasheet HTML 19Page - Texas Instruments XIO2000AI Datasheet HTML 20Page - Texas Instruments XIO2000AI Datasheet HTML 21Page - Texas Instruments XIO2000AI Datasheet HTML 22Page - Texas Instruments XIO2000AI Datasheet HTML 23Page - Texas Instruments XIO2000AI Datasheet HTML 24Page - Texas Instruments XIO2000AI Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 165 page
background image
Introduction
12
April 2007 Revised October 2008
SCPS155C
Table 2−3. ZHC Terminal Names Sorted Alphanumerically
BGA BALL #
SIGNAL NAME
BGA BALL #
SIGNAL NAME
BGA BALL #
SIGNAL NAME
A02
AD11
D04
VDD_33
H02
AD21
A03
AD9
D05
AD8
H03
AD20
A04
AD7
D06
VDD_33
H04
AD22
A05
AD4
D07
CLKOUT0
H06
VSS
A06
AD1
D08
VDD_15
H07
VSS
A07
AD0
D09
CLKOUT3
H08
VSS
A08
CLKOUT1
D10
VDD_33
H09
VSS
A09
CLKOUT2
D11
REFCLK_SEL
H11
VDDA_15
A10
GNT2
D12
RSVD
H12
VDD_33_COMB
A11
CLKOUT4
D13
VDDA_15
H13
VDDA_15
A12
GNT4
D14
RSVD
H14
PERST
A13
GNT5
E01
FRAME
J01
AD23
A14
VSSA
E02
IRDY
J02
C/BE(3)
B01
AD13
E03
SERR
J03
AD25
B02
AD12
E04
C/BE[1]
J04
AD24
B03
AD10
E11
VDDA_15
J06
VDD_33
B04
VCCP
E12
VSSA
J07
VDD_33
B05
AD5
E13
RXP
J08
VSS
B06
AD2
E14
RXN
J09
VSS
B07
REQ0
F01
AD16
J11
VDDA_33
B08
REQ1
F02
C/BE[2]
J12
VDD_33_COMB_IO
B09
REQ2
F03
TRDY
J13
REF1_PCIE
B10
GNT3
F04
VDD_33
J14
VDD_33_AUX
B11
REQ4
F06
VSS
K01
AD26
B12
REQ5
F07
VSS
K02
AD27
B13
CLKRUN_EN
F08
VSS
K03
AD29
B14
REFCLK−
F09
VDD_33
K04
AD28
C01
PERR
F11
VSSA
K11
VSSA
C02
AD15
F12
VSSA
K12
RSVD
C03
AD14
F13
VSS
K13
VDD_15_COMB
C04
C/BE[0]
F14
VDD_15
K14
REF0_PCIE
C05
AD6
G01
AD18
L01
AD31
C06
AD3
G02
VCCP
L02
AD30
C07
GNT0
G03
AD17
L03
CLK
C08
GNT1
G04
VDD_15
L04
VDD_33
C09
REQ3
G06
VSS
L05
VDD_15
C10
CLKOUT5
G07
VSS
L06
GPIO7
C11
CLKOUT6
G08
VSS
L07
RSVD
C12
EXT_ARB_EN
G09
VSS
L08
VDD_33
C13
VDDA_33
G11
VSSA
L09
VDD_33
C14
REFCLK+
G12
VSSA
L10
VDD_33
D01
DEVSEL
G13
TXN
L11
VSSA
D02
STOP
G14
TXP
L12
RSVD
D03
PAR
H01
AD19
L13
GRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More