| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LSB60 Datasheet(PDF) 1 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
LSB60 Datasheet(HTML) 1 Page - 3M Electronics |
|
1 / 8 page ![]() ASK A 3M EXPERT October, 2017 3M™ Scotch-Weld™ Toughened Epoxy Adhesive LSB60 Product Description 3M™ Scotch-Weld™ Toughened Epoxy Adhesive LSB60 is a high performance, two-part, toughened epoxy adhesive o ering outstanding shear adhesion and very high levels of durability with a choice of ow characteristics. This epoxy has a 90 minute worklife and is a 1:1 mix ratio. Ideal for bulk application through meter mix dispensing equipment and the manufacture of large panel products. Product Features • Toughened • High shear and peel • 5 hour handling strength • Flame, Smoke and Toxicity Tested* • 90 minute work life • 1:1 mix ratio and easy mixing *LSB60 has been tested and meets surface ammability (ASTM E 162) and rate of smoke generation (ASTM E 662). This material also meets Bombardier requirements as they pertain to toxic gas production (Bombardier SMP 800-C). The adhesive was also tested to Boeing BSS 7239 requirements, although there is no speci c pass criteria for this test. NOTE: The following data is taken from tests conducted on limited production runs. 3M will continue to test samples from additional product runs and will issue a new data page if the test results change. |
Número de pieza similar - LSB60 |
|
Descripción similar - LSB60 |