Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32WLE4JCU7TR Datasheet(PDF) 51 Page - STMicroelectronics

No. de pieza STM32WLE4JCU7TR
Descripción Electrónicos  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU7TR Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32WLE4JCU7TR Datasheet HTML 47Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 48Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 49Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 50Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 51Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 52Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 53Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 54Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 145 page
background image
DS13105 Rev 8
51/145
STM32WLE5/E4xx
Pinouts, pin description and alternate functions
60
Notes
Unless otherwise specified by a note, all I/Os are set as analog inputs during and after
reset.
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 18. Legend/abbreviations used in the pinout table (continued)
Name
Abbreviation
Definition
Table 19. STM32WLE5/E4xx pin definition
Pin number
Pin name
(function after
reset)
Alternate functions
Additional functions
-
E10
-
VSS
S
-
-
-
-
1D11
C1
PB3
I/O
FT_a
-
JTDO/TRACESWO,
TIM2_CH2, SPI1_SCK,
RF_IRQ0, USART1_RTS,
DEBUG_RF_DTB1,
CM4_EVENTOUT
COMP1_INM,
COMP2_INM,
ADC_IN2,
TAMP_IN3/WKUP3
2D9
C2
PB4
I/O
FT_fa
-
NJTRST, I2C3_SDA,
SPI1_MISO, USART1_CTS,
DEBUG_RF_LDORDY,
TIM17_BKIN,
CM4_EVENTOUT
COMP1_INP,
COMP2_INP,
ADC_IN3
3-
D2
PB5
I/O
FT_a
-
LPTIM1_IN1, I2C1_SMBA,
SPI1_MOSI, RF_IRQ1,
USART1_CK, COMP2_OUT,
TIM16_BKIN,
CM4_EVENTOUT
-
-
F7
E3
VSS
S
-
-
-
-
-
F11
E2
VDD
S
-
-
-
-
4
-
E1
PB6
I/O
FT_f
-
LPTIM1_ETR, I2C1_SCL,
USART1_TX, TIM16_CH1N,
CM4_EVENTOUT
-
5-
C3
PB7
I/O
FT_f
-
LPTIM1_IN2, TIM1_BKIN,
I2C1_SDA, USART1_RX,
TIM17_CH1N,
CM4_EVENTOUT
-
6-
D3
PB8
I/O
FT_f
-
TIM1_CH2N, I2C1_SCL,
RF_IRQ2, TIM16_CH1,
CM4_EVENTOUT
-