| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WB35CCU6TR Datasheet(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB35CCU6TR Datasheet(HTML) 71 Page - STMicroelectronics |
|
71 / 193 page ![]() DS11929 Rev 10 71/193 STM32WB55xx STM32WB35xx Pinouts and pin description 80 18 PA9 I/O FT_fa - TIM1_CH2, SAI1_PDM_DI2, I2C1_SCL, SPI2_SCK, USART1_TX, SAI1_FS_A, CM4_EVENTOUT COMP1_INM, ADC1_IN16 19 PB2 I/O FT_a - RTC_OUT, LPTIM1_OUT, I2C3_SMBA, SPI1_NSS, SAI1_EXTCLK, CM4_EVENTOUT COMP1_INP 20 VDD S - - - - 21 RF1 I/O RF (4) -- 22 VSSRF S - - - - 23 VDDRF S - - - - 24 OSC_OUT O RF (5) -- 25 OSC_IN I RF (5) -- 26 AT0 O RF (6) -- 27 AT1 O RF (6) -- 28 PB0 I/O TT (7) COMP1_OUT, CM4_EVENTOUT, EXT_PA_TX - 29 PB1 I/O TT (7) LPUART1_RTS_DE, LPTIM2_IN1, CM4_EVENTOUT - 30 PE4 I/O FT - CM4_EVENTOUT - 31 VFBSMPS S - - - - 32 VSSSMPS S - - - - 33 VLXSMPS S - - - - 34 VDDSMPS S - - - - 35 VDD S - - - - 36 PA10 I/O FT_f - TIM1_CH3, SAI1_PDM_DI1, I2C1_SDA, USART1_RX, USB_CRS_SYNC, SAI1_SD_A, TIM17_BKIN, CM4_EVENTOUT - 37 PA11 I/O FT_u - TIM1_CH4, TIM1_BKIN2, SPI1_MISO, USART1_CTS, USB_DM, CM4_EVENTOUT - 38 PA12 I/O FT_u - TIM1_ETR, SPI1_MOSI, LPUART1_RX, USART1_RTS_DE, USB_DP, CM4_EVENTOUT - 39 PA13 (JTMS-SWDIO) I/O FT (8) JTMS-SWDIO, IR_OUT, USB_NOE, SAI1_SD_B, CM4_EVENTOUT - 40 VDDUSB S - - - - Table 17. STM32WB35xx pin and ball definitions (continued) Pin Alternate functions Additional functions Name (function after reset) |