| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WB55CCQ7ATR Datasheet(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB55CCQ7ATR Datasheet(HTML) 65 Page - STMicroelectronics |
|
65 / 193 page ![]() DS11929 Rev 10 65/193 STM32WB55xx STM32WB35xx Pinouts and pin description 80 25 35 J1 M13 OSC_IN I RF (6) -- - - - L11 VSSRF S - - - - 26 36 H3 K11 AT0 O RF (7) -- 27 37 H4 K12 AT1 O RF (7) -- 28 38 H2 L13 PB0 I/O TT (8) COMP1_OUT, CM4_EVENTOUT, EXT_PA_TX - 29 39 H1 L12 PB1 I/O TT (8) LPUART1_RTS_DE, LPTIM2_IN1, CM4_EVENTOUT - - - J5 - VSS S - - - - - - - M7 VSS_DCAP2 S - - - - - - G2 H12 PE3 I/O FT - CM4_EVENTOUT - 30 40 G1 H13 PE4 I/O FT - CM4_EVENTOUT - 31 41 F2 H11 VFBSMPS S - - - - - - - G13 VSSSMPS S - - - - 32 42 F1 G12 VSSSMPS S - - - - 33 43 E1 F11 VLXSMPS S - - - - - - - G11 VLXSMPS S - - - - 34 44 D1 F12 VDDSMPS S - - - - - - - F13 VDDSMPS S - - - - - - - K4 VSS S - - - - 35 45 B1 - VDD S - - - - - 46 G3 H10 PB12 I/O FT_l - TIM1_BKIN, I2C3_SMBA, SPI2_NSS, LPUART1_RTS, TSC_G1_IO1, LCD_SEG12, SAI1_FS_A, CM4_EVENTOUT - - 47 C1 E12 PB13 I/O FT_fl - TIM1_CH1N, I2C3_SCL, SPI2_SCK, LPUART1_CTS, TSC_G1_IO2, LCD_SEG13, SAI1_SCK_A, CM4_EVENTOUT - Table 16. STM32WB55xx pin and ball definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |