| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WB35CCU7ATR Datasheet(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB35CCU7ATR Datasheet(HTML) 62 Page - STMicroelectronics |
|
62 / 193 page ![]() Pinouts and pin description STM32WB55xx STM32WB35xx 62/193 DS11929 Rev 10 6 7 F10 H4 PB9 I/O FT_fla - TIM1_CH3N, SAI1_PDM_DI2, I2C1_SDA, SPI2_NSS, IR_OUT, TSC_G7_IO4, QUADSPI_BK1_IO0, LCD_COM3, SAI1_FS_A, TIM17_CH1, CM4_EVENTOUT - 7 8 F9 H2 NRST I/O RST - - - -9 F8 H3 PC0 I/O FT_fla - LPTIM1_IN1, I2C3_SCL, LPUART1_RX, LCD_SEG18, LPTIM2_IN1, CM4_EVENTOUT ADC1_IN1 -10 G8 H1 PC1 I/O FT_fla- LPTIM1_OUT, SPI2_MOSI, I2C3_SDA, LPUART1_TX, LCD_SEG19, CM4_EVENTOUT ADC1_IN2 - 11 G9 J2 PC2 I/O FT_la - LPTIM1_IN2, SPI2_MISO, LCD_SEG20, CM4_EVENTOUT ADC1_IN3 - - - E7 VSS S - - - - -- - H6 VDD S - - - - - 12 G10 J3 PC3 I/O FT_a - LPTIM1_ETR, SAI1_PDM_DI1, SPI2_MOSI, LCD_VLCD, SAI1_SD_A, LPTIM2_ETR, CM4_EVENTOUT ADC1_IN4 - - H10 K2 VSSA S - - - - - 13 H8 L1 VREF+ S - - - VREFBUF_OUT 814H9 K3 VDDA S - (4) -- - - J9 E9 VSS S - - - - -- J10 F8 VDD S - - - - 915 G7 M1 PA0 I/O FT_a - TIM2_CH1, COMP1_OUT, SAI1_EXTCLK, TIM2_ETR, CM4_EVENTOUT COMP1_INM, ADC1_IN5, RTC_TAMP2/WKUP1 10 16 G6 L2 PA1 I/O FT_la - TIM2_CH2, I2C1_SMBA, SPI1_SCK, LCD_SEG0, CM4_EVENTOUT COMP1_INP, ADC1_IN6 Table 16. STM32WB55xx pin and ball definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |