| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L552VCU3QXXX Datasheet(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552VCU3QXXX Datasheet(HTML) 91 Page - STMicroelectronics |
|
91 / 340 page ![]() - ---- -- E1 12 - --- E1 12 PF2 I/O FT - I2C2_SMBA, FMC_A2, EVENTOUT - - ---- -- D3 13 - --- D3 13 PF3 I/O FT - LPTIM3_IN1, FMC_A3, EVENTOUT - - ---- -- E3 14 - --- E3 14 PF4 I/O FT - LPTIM3_ETR, FMC_A4, EVENTOUT - - ---- -- F2 15 - --- F2 15 PF5 I/O FT - LPTIM3_OUT, FMC_A5, EVENTOUT - - ---- - 10 F6 16 - -- 10 F6 16 VSS S - - - - - ---- - 11 F7 17 - -- 11 F7 17 VDD S - - - - - ---- --- 18 - ---- 18 PF6 I/O FT - TIM5_ETR, TIM5_CH1, OCTOSPI1_IO3, SAI1_SD_B, EVENTOUT - - ---- --- 19 - ---- 19 PF7 I/O FT - TIM5_CH2, OCTOSPI1_IO2, SAI1_MCLK_B, EVENTOUT TAMP_IN6/TAMP_ OUT3 - ---- --- 20 - ---- 20 PF8 I/O FT - TIM5_CH3, OCTOSPI1_IO0, SAI1_SCK_B, EVENTOUT TAMP_IN7/TAMP_ OUT8 Table 21. STM32L552xx pin definitions (continued) Pin Number Alternate functions Additional functions STM32L552xxxxP STM32L552xxxxQ STM32L552xx |