| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WB5MMG Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB5MMG Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 31 page ![]() Table 6. SiP-LGA86 - Mechanical data Symbol Min Typ Max Unit A 1.382±0.046 mm A1 40±20(1) 30±20(2) A2 0.150 μm M 1.100 mm S 0.242 D 10925 11.000 11.075 D1 7.250 D2 2.563 D3 8.438 eD 0.450 E 7.225 7.300 7.375 eE 0.450 b1 0.430 b2 0.350 b3 0.300 b4 0.600 F1 0.600 F2 0.475 F3 0.900 F4 2.300 G1 0.465 G2 2.960 G3 4.800 G4 0.475 H1 0.600 μm H2 0.400 μm SPts(3) 3 - 6 μm SPsw(4) 1 - 3 μm aaa 0.075 mm bbb 0.100 ddd 0.100 1. Peripheral pads 2. Inner pads 3. Top surface sputter 4. Side wall sputter STM32WB5MMG SiP-LGA86 package information DS13252 - Rev 1 page 20/31 |