Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD17P137ACT Datasheet(PDF) 47 Page - NEC

No. de pieza UPD17P137ACT
Descripción Electrónicos  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD17P137ACT Datasheet(HTML) 47 Page - NEC

Back Button UPD17P137ACT Datasheet HTML 43Page - NEC UPD17P137ACT Datasheet HTML 44Page - NEC UPD17P137ACT Datasheet HTML 45Page - NEC UPD17P137ACT Datasheet HTML 46Page - NEC UPD17P137ACT Datasheet HTML 47Page - NEC UPD17P137ACT Datasheet HTML 48Page - NEC UPD17P137ACT Datasheet HTML 49Page - NEC UPD17P137ACT Datasheet HTML 50Page - NEC UPD17P137ACT Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 292 page
background image
CHAPTER 4 PROGRAM MEMORY (ROM)
28
(1) Constant data table
Example 1 shows an example of code used to reference a constant data table.
Example 1. Program to read data in a constant data table.
OFFSET
MEM
0.00H
; Area to store the offset address.
ROMREF:
BANK0
; Stores the start address of the constant data
; table in the AR register.
MOV
AR3, #.DL.TABLE SHR 12 AND 0FH
MOV
AR2, #.DL.TABLE SHR 8 AND 0FH
MOV
AR1, #.DL.TABLE SHR 4 AND 0FH
MOV
AR0, #.DL.TABLE AND 0FH
MOV
RPH, #0
; Sets the register pointer to row address 7.
MOV
RPL, #7 SHL 1
;
ADD
AR0, OFFSET
; Adds the offset address.
ADDC
AR1, #0
ADDC
AR2, #0
ADDC
AR3, #0
MOVT
DBF, @AR
; Reads the constant data.
TABLE:
DW
0001H
; When OFFSET = 0H
DW
0002H
DW
0004H
DW
0008H
DW
0010H
DW
0020H
DW
0040H
DW
0080H
DW
0100H
DW
0200H
DW
0400H
DW
0800H
DW
1000H
DW
2000H
DW
4000H
DW
8000H
; When OFFSET = 0FH
END