| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L552VCI3PTR Datasheet(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552VCI3PTR Datasheet(HTML) 100 Page - STMicroelectronics |
|
100 / 340 page ![]() - ---- -- J5 51 - --- J5 54 PF14 I/O FT _f - I2C4_SCL, TSC_G8_IO1, FMC_A8, EVENTOUT - - ---- -- L6 52 - --- L6 55 PF15 I/O FT _f - I2C4_SDA, TSC_G8_IO2, FMC_A9, EVENTOUT - - ---- -- M6 53 - --- M6 56 PG0 I/O FT - TSC_G8_IO3, FMC_A10, EVENTOUT - - ---- -- K6 54 - --- K6 57 PG1 I/O FT - TSC_G8_IO4, FMC_A11, EVENTOUT - - ---- - 35 K7 55 - -- 38 K7 58 PE7 I/O FT - TIM1_ETR, DFSDM1_DATIN2, FMC_D4, SAI1_SD_B, EVENTOUT - - ---- - 36 J6 56 - -- 39 J6 59 PE8 I/O FT - TIM1_CH1N, DFSDM1_CKIN2, FMC_D5, SAI1_SCK_B, EVENTOUT - - ---- - 37 M7 57 - -- 40 M7 60 PE9 I/O FT - TIM1_CH1, DFSDM1_CKOUT, OCTOSPI1_NCLK, FMC_D6, SAI1_FS_B, EVENTOUT - Table 21. STM32L552xx pin definitions (continued) Pin Number Alternate functions Additional functions STM32L552xxxxP STM32L552xxxxQ STM32L552xx |