Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L073CBY3DTR Datasheet(PDF) 40 Page - STMicroelectronics

No. de pieza STM32L073CBY3DTR
Descripción Electrónicos  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L073CBY3DTR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32L073CBY3DTR Datasheet HTML 36Page - STMicroelectronics STM32L073CBY3DTR Datasheet HTML 37Page - STMicroelectronics STM32L073CBY3DTR Datasheet HTML 38Page - STMicroelectronics STM32L073CBY3DTR Datasheet HTML 39Page - STMicroelectronics STM32L073CBY3DTR Datasheet HTML 40Page - STMicroelectronics STM32L073CBY3DTR Datasheet HTML 41Page - STMicroelectronics STM32L073CBY3DTR Datasheet HTML 42Page - STMicroelectronics STM32L073CBY3DTR Datasheet HTML 43Page - STMicroelectronics STM32L073CBY3DTR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 157 page
background image
Pin descriptions
STM32L073xx
40/157
DS10685 Rev 6
4
Pin descriptions
Figure 3. STM32L073xx LQFP100 pinout
1. The above figure shows the package top view.
2. The I/O pins supplied by VDD_USB are shown in grey.
MSv35413V2
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
PE2
PE3
PE4
PE5
PE6
VLCD
PC14-OSC32_IN
PC15-OSC32_OUT
PH9
PH10
PH0-OSC_IN
NRST
PC0
PC1
PC2
PC3
VSSA
VREF-
VREF+
PA0
PA1
PA2
VDD_USB
VSS
PA13
PA12
PA 11
PA10
PA9
PA8
PC9
PC8
PC7
PC6
PD15
PD14
PD13
PD12
PD11
PD10
PD9
PD8
PB 15
PB 14
PB 13
PB 12
LQFP100
PC13
PH1-OSC_OUT
VDDA
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com