| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L031C4P6SDTR Datasheet(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L031C4P6SDTR Datasheet(HTML) 41 Page - STMicroelectronics |
|
41 / 126 page ![]() DS10668 Rev 6 41/126 STM32L031x4/6 Pin descriptions 46 13 C3 13 13 13 13 17 17 PA7 I/O FT - SPI1_MOSI, LPTIM1_OUT, USART2_CTS, TIM22_CH2, EVENTOUT, COMP2_OUT ADC_IN7 - E2 14 14 14 141818 PB0 I/O FT - EVENTOUT, SPI1_MISO, USART2_RTS/ USART2_DE, TIM2_CH3 ADC_IN8, VREF_OUT 14 D2 15 15 15 15 19 19 PB1 I/O FT - USART2_CK, SPI1_MOSI, LPUART1_RTS/ LPUART1_DE, TIM2_CH4 ADC_IN9, VREF_OUT - - - - - 162020 PB2 I/O FT - LPTIM1_OUT - - - - - - - 21 21 PB10 I/O FT - TIM2_CH3, LPUART1_TX - - - - - - - 22 22 PB11 I/O FT - EVENTOUT, TIM2_CH4, LPUART1_RX - 15 - 16 16 16 - 23 23 VSS S - - - - 16 - 17 17 17 172424 VDD S - - - - - - - - - - 25 25 PB12 I/O FT - SPI1_NSS, EVENTOUT - Table 15. Pin definitions (continued) Pin Number Pin name (function after reset) Pin type Alternate functions Additional functions |