Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L073C8U6DTR Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza STM32L073C8U6DTR
Descripción Electrónicos  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L073C8U6DTR Datasheet(HTML) 2 Page - STMicroelectronics

  STM32L073C8U6DTR Datasheet HTML 1Page - STMicroelectronics STM32L073C8U6DTR Datasheet HTML 2Page - STMicroelectronics STM32L073C8U6DTR Datasheet HTML 3Page - STMicroelectronics STM32L073C8U6DTR Datasheet HTML 4Page - STMicroelectronics STM32L073C8U6DTR Datasheet HTML 5Page - STMicroelectronics STM32L073C8U6DTR Datasheet HTML 6Page - STMicroelectronics STM32L073C8U6DTR Datasheet HTML 7Page - STMicroelectronics STM32L073C8U6DTR Datasheet HTML 8Page - STMicroelectronics STM32L073C8U6DTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 157 page
background image
STM32L073xx
2/157
DS10685 Rev 6
• 11x peripheral communication interfaces
– 1x USB 2.0 crystal-less, battery charging
detection and LPM
– 4x USART (2 with ISO 7816, IrDA), 1x
UART (low power)
– Up to 6x SPI 16 Mbits/s
– 3x I2C (2 with SMBus/PMBus)
• 11x timers: 2x 16-bit with up to 4 channels, 2x
16-bit with up to 2 channels, 1x 16-bit ultra-low-
power timer, 1x SysTick, 1x RTC, 2x 16-bit
basic for DAC, and 2x watchdogs
(independent/window)
• CRC calculation unit, 96-bit unique ID
• True RNG and firewall protection
• All packages are ECOPACK2
Table 1. Device summary
Reference
Part number
STM32L073x8
STM32L073V8
STM32L073xB
STM32L073VB, STM32L073RB, STM32L073CB
STM32L073xZ
STM32L073VZ, STM32L073RZ, STM32L073CZ