| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32MP157AAD1T Datasheet(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP157AAD1T Datasheet(HTML) 69 Page - STMicroelectronics |
|
69 / 259 page ![]() DS12504 Rev 5 69/259 STM32MP157A/D Pinouts, pin description and alternate functions 121 - R5 - U6 VSSA S - - - - -M3 - N6 VREF- S - - - - - - W4 W2 PH7 I/O FT_fh - I2C3_SCL, SPI5_MISO, ETH1_GMII_RXD3/ ETH1_MII_RXD3/ ETH1_RGMII_RXD3, MDIOS_MDC, DCMI_D9, EVENTOUT - - - U1 V3 PF3 I/O FT_vh - ETH1_GMII_TX_ER, FMC_A3, EVENTOUT - P3 T3 W2 U3 PC3 I/O FT_ha - TRACECLK, DFSDM1_DATIN1, SPI2_MOSI/I2S2_SDO, ETH1_GMII_TX_CLK/ ETH1_MII_TX_CLK, EVENTOUT ADC1_INP13, ADC1_INN12 - - T4 U4 PG3 I/O FT_vh - TRACED3, TIM8_BKIN2, DFSDM1_CKIN1, ETH1_GMII_TXD7, FMC_A13, EVENTOUT - P1 T1 Y1 Y2 PE2 I/O FT_favh - TRACECLK, SAI1_CK1, I2C4_SCL, SPI4_SCK, SAI1_MCLK_A, QUADSPI_BK1_IO2, ETH1_GMII_TXD3/ ETH1_MII_TXD3/ ETH1_RGMII_TXD3, FMC_A23, EVENTOUT - -- - N10 VDD S - - - - - E4 H3 D4 VSS S - - - - N2 P3 U2 T4 PA3 I/O FT_a - TIM2_CH4, TIM5_CH4, LPTIM5_OUT, TIM15_CH2, USART2_RX, LCD_B2, ETH1_GMII_COL/ ETH1_MII_COL, LCD_B5, EVENTOUT ADC1_INP15, PVD_IN P2 T2 Y2 Y1 PC2 I/O FT_avh - DFSDM1_CKIN1, SPI2_MISO/I2S2_SDI, DFSDM1_CKOUT, ETH1_GMII_TXD2/ ETH1_MII_TXD2/ ETH1_RGMII_TXD2, DCMI_PIXCLK, EVENTOUT ADC1_INP12, ADC1_INN11 - - V2 W4 PG2 I/O FT_vh - TRACED2, MCO2, TIM8_BKIN, ETH1_GMII_TXD6, FMC_A12, EVENTOUT - Table 7. STM32MP157A/D pin and ball definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |