| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L041C6 Datasheet(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L041C6 Datasheet(HTML) 41 Page - STMicroelectronics |
|
41 / 123 page ![]() DS10780 Rev 6 41/123 STM32L041x6 Pin descriptions 45 - - - --- 26 26 PB13 I/O FT - SPI1_SCK, MCO, TIM21_CH1, LPUART1_CTS - - - - --- 27 27 PB14 I/O FT - SPI1_MISO, RTC_OUT, TIM21_CH2, LPUART1_RTS /LPUART1_DE - - - - --- 28 28 PB15 I/O FT - SPI1_MOSI, RTC_REFIN - -C1 18 18 18 18 29 29 PA8 I/O FT - MCO, LPTIM1_IN1, EVENTOUT, USART2_CK, TIM2_CH1 - 17 B1 19 19 19 19 30 30 PA9 I/O FT f - MCO, I2C1_SCL, USART2_TX, TIM22_CH1 - 18 C2 20 20 20 20 31 31 PA10 I/O FT f - I2C1_SDA, USART2_RX, TIM22_CH2 - - - - - 21 21 32 32 PA11 I/O FT - SPI1_MISO, EVENTOUT, USART2_CTS, TIM21_CH2, COMP1_OUT - Table 15. Pin definitions (continued) Pin number Pin name (function after reset) Pin type Note Alternate functions Additional functions |