| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
802 Datasheet(PDF) 1 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
802 Datasheet(HTML) 1 Page - 3M Electronics |
|
1 / 6 page ![]() ASK A 3M EXPERT May, 2003 3M™ ScotchPad™ Repositionable Tape Pad 802 Product Description 3M™ ScotchPad™ Repositionable Tape Pad 802 are pre-cut pads composed of linered sheets of low adhesion tape and can be easily applied to a surface, removed, and reapplied to another surface. The conformable acetate backing and Post-it® adhesive in these sheets give excellent long aging characteristics. The matte surface can be written on. Product Features • Paper liner at one end of sheet. • Cleanly removable from most surfaces. • Will not yellow or stayd • Will not dry out, harden, or become brittle. • Matte surface can be written on with pen, pencil, and other writing implements. • Almost invisible appearance when applied. • Labor saving and portable. • Will hold a note or label which can be moved or peeled away from the tape without damage. • Corrections, directions, changes can be noted on surface. • When copies are made the tape will not shadow. • Can be read through easily. • Will stay supple and protect the surface below it from moisture and aging. |
Número de pieza similar - 802 |
|
Descripción similar - 802 |