| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F091VBT6TP Datasheet(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F091VBT6TP Datasheet(HTML) 64 Page - STMicroelectronics |
|
64 / 128 page ![]() Electrical characteristics STM32F091xB STM32F091xC 64/128 DocID026284 Rev 4 Table 34. Switching output I/O current consumption Symbol Parameter Conditions(1) 1. CS = 7 pF (estimated value). I/O toggling frequency (fSW) Typ Unit ISW I/O current consumption VDDIOx = 3.3 V C =CINT 4 MHz 0.07 mA 8 MHz 0.15 16 MHz 0.31 24 MHz 0.53 48 MHz 0.92 VDDIOx = 3.3 V CEXT = 0 pF C = CINT + CEXT+ CS 4 MHz 0.18 8 MHz 0.37 16 MHz 0.76 24 MHz 1.39 48 MHz 2.188 VDDIOx = 3.3 V CEXT = 10 pF C = CINT + CEXT+ CS 4 MHz 0.32 8 MHz 0.64 16 MHz 1.25 24 MHz 2.23 48 MHz 4.442 VDDIOx = 3.3 V CEXT = 22 pF C = CINT + CEXT+ CS 4 MHz 0.49 8 MHz 0.94 16 MHz 2.38 24 MHz 3.99 VDDIOx = 3.3 V CEXT = 33 pF C = CINT + CEXT+ CS 4 MHz 0.64 8 MHz 1.25 16 MHz 3.24 24 MHz 5.02 VDDIOx = 3.3 V CEXT = 47 pF C = CINT + CEXT+ CS C = Cint 4 MHz 0.81 8 MHz 1.7 16 MHz 3.67 VDDIOx = 2.4 V CEXT = 47 pF C = CINT + CEXT+ CS C = Cint 4 MHz 0.66 8 MHz 1.43 16 MHz 2.45 24 MHz 4.97 |