Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F091RC Datasheet(PDF) 42 Page - STMicroelectronics

No. de pieza STM32F091RC
Descripción Electrónicos  ARM®-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC, and comm. interfaces, 2.0 - 3.6V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RC Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32F091RC Datasheet HTML 38Page - STMicroelectronics STM32F091RC Datasheet HTML 39Page - STMicroelectronics STM32F091RC Datasheet HTML 40Page - STMicroelectronics STM32F091RC Datasheet HTML 41Page - STMicroelectronics STM32F091RC Datasheet HTML 42Page - STMicroelectronics STM32F091RC Datasheet HTML 43Page - STMicroelectronics STM32F091RC Datasheet HTML 44Page - STMicroelectronics STM32F091RC Datasheet HTML 45Page - STMicroelectronics STM32F091RC Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 128 page
background image
Table 15. Alternate functions selected through GPIOB_AFR registers for port B
Pin name
AF0
AF1
AF2
AF3
AF4
AF5
PB0
EVENTOUT
TIM3_CH3
TIM1_CH2N
TSC_G3_IO2
USART3_CK
-
PB1
TIM14_CH1
TIM3_CH4
TIM1_CH3N
TSC_G3_IO3
USART3_RTS
-
PB2
-
-
-
TSC_G3_IO4
-
-
PB3
SPI1_SCK, I2S1_CK
EVENTOUT
TIM2_CH2
TSC_G5_IO1
USART5_TX
-
PB4
SPI1_MISO, I2S1_MCK
TIM3_CH1
EVENTOUT
TSC_G5_IO2
USART5_RX
TIM17_BKIN
PB5
SPI1_MOSI, I2S1_SD
TIM3_CH2
TIM16_BKIN
I2C1_SMBA
USART5_CK_RTS
-
PB6
USART1_TX
I2C1_SCL
TIM16_CH1N
TSC_G5_IO3
-
-
PB7
USART1_RX
I2C1_SDA
TIM17_CH1N
TSC_G5_IO4
USART4_CTS
-
PB8
CEC
I2C1_SCL
TIM16_CH1
TSC_SYNC
CAN_RX
-
PB9
IR_OUT
I2C1_SDA
TIM17_CH1
EVENTOUT
CAN_TX
SPI2_NSS, I2S2_WS
PB10
CEC
I2C2_SCL
TIM2_CH3
TSC_SYNC
USART3_TX
SPI2_SCK, I2S2_CK
PB11
EVENTOUT
I2C2_SDA
TIM2_CH4
TSC_G6_IO1
USART3_RX
-
PB12
SPI2_NSS, I2S2_WS
EVENTOUT
TIM1_BKIN
TSC_G6_IO2
USART3_CK
TIM15_BKIN
PB13
SPI2_SCK, I2S2_CK
-
TIM1_CH1N
TSC_G6_IO3
USART3_CTS
I2C2_SCL
PB14
SPI2_MISO, I2S2_MCK
TIM15_CH1
TIM1_CH2N
TSC_G6_IO4
USART3_RTS
I2C2_SDA
PB15
SPI2_MOSI, I2S2_SD
TIM15_CH2
TIM1_CH3N
TIM15_CH1N
-
-