Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RT48 Datasheet(PDF) 4 Page - 3M Electronics

No. de pieza RT48
Descripción Electrónicos  Scotch-WeldTM Retaining Compound Anaerobic Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  3M [3M Electronics]
Página de inicio  http://www.3m.com
Logo 3M - 3M Electronics

RT48 Datasheet(HTML) 4 Page - 3M Electronics

  RT48 Datasheet HTML 1Page - 3M Electronics RT48 Datasheet HTML 2Page - 3M Electronics RT48 Datasheet HTML 3Page - 3M Electronics RT48 Datasheet HTML 4Page - 3M Electronics RT48 Datasheet HTML 5Page - 3M Electronics RT48 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3MTM Scotch-WeldTM
Retaining Compound Anaerobic Adhesives
RT09 • RT20G • RT38 • RT41 • RT48
Handling
Information
Directions for Use:
3MTM Scotch-WeldTM Retaining Compounds Anaerobic Adhesives are not
recommended for use on most plastics due to potential cracking of plastic parts.
Also, they are not recommended for use in piping systems that contain pure
oxygen or an oxygen-rich environment, chlorine, or strong oxidizing substances.
For Assembly:
1. Ensure parts are clean, dry and free from oil, grease and dirt. For best
results, clean and dry parts with solvent or 3MTM Scotch-WeldTM
Activator. (Activator can also be used on inactive surfaces or to accelerate
the cure on active surfaces.)
Note: Use of 3MTM Scotch-WeldTM
Activator may reduce bond strength depending on substrates and gap.
Testing is recommended to evaluate the effect.
2. If not sure of surface type, always use activator. Refer to Material surface
Activity and Cure Speed section for more information.
3. Avoid touching the metal surfaces with the bottle tip since the metal ions
may react with the adhesive upon contact and eventually may clog the
bottle tip
4. Apply a bead of adhesive onto the shaft and inside the collar where the
contact area will finally be assembled. For larger parts use more adhesive.
Assemble parts and rotate to spread adhesive evenly around contact area
Handling
Information
For Assembly:
5. Allow assemblies to set for sufficient time so that handling strength or full
cure will occur before further processing or testing.
For Disassembly:
Apply localized heat (approximately 490oF / 254oC) to bonded parts then
disassemble while parts are still hot. Use extreme caution when working
with heat sources (e.g. heat gun, flame, etc.)



Html Pages

1 2 3 4 5 6