| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EC5 Datasheet(PDF) 1 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
EC5 Datasheet(HTML) 1 Page - 3M Electronics |
|
1 / 4 page ![]() 3 Scotch-Weld ™ General Purpose Instant Adhesives EC5 • EC40 • EC100 • EC2500 • ECI Gel Technical Data April 2016 Product Description 3M™ Scotch-Weld™ General Purpose Instant Adhesives are single component, high strength ethyl cyanoacrylate adhesives designed to bond to a variety of substances including most plastics, rubbers, metals, and other common substrates. They are available in a wide variety of viscosities. Specific Features • 3M™ Scotch-Weld™ General Purpose Instant Adhesive EC5 is a very low viscosity, cyanoacrylate that is fast bonding. It is recommended for use on assemblies with very close-fitting parts and smooth, even surfaces. It can be used to wick into bonding gaps of assembled parts. • 3M™ Scotch-Weld™ General Purpose Instant Adhesive EC40 is a low viscosity cyanoacrylate that is fast curing. It is recommended for use on assemblies with close-fitting parts and smooth, even surfaces. • 3M™ Scotch-Weld™ General Purpose Instant Adhesive EC100 is a low viscosity cyanoacrylate that is fast curing and useful for general purpose bonding. • 3M™ Scotch-Weld™ General Purpose Instant Adhesive EC600 is a medium viscosity cyanoacrylate that resists migration from the bond area. It can be used for wire tacking on printed circuit boards. • 3M™ Scotch-Weld™ General Purpose Instant Adhesive EC2500 is a high viscosity liquid cyanoacrylate with an even slower cure rate. It is also used on assemblies where parts are not close-fitting, surfaces are rough or porous, or where time is required to align parts before cure. • 3M™ Scotch-Weld™ General Purpose Instant Adhesive ECI Gel is an industrial strength thixotropic gel for maximum gap filling. It is suitable for bonding poorly mating components and for porous substrates such as ceramic and can be used on vertical surfaces as it will not drip or slump. |
Número de pieza similar - EC5 |
|
Descripción similar - EC5 |