Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLE4943C Datasheet(PDF) 34 Page - Infineon Technologies AG

No. de pieza TLE4943C
Descripción Electrónicos  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button TLE4943C Datasheet HTML 30Page - Infineon Technologies AG TLE4943C Datasheet HTML 31Page - Infineon Technologies AG TLE4943C Datasheet HTML 32Page - Infineon Technologies AG TLE4943C Datasheet HTML 33Page - Infineon Technologies AG TLE4943C Datasheet HTML 34Page - Infineon Technologies AG TLE4943C Datasheet HTML 35Page - Infineon Technologies AG TLE4943C Datasheet HTML 36Page - Infineon Technologies AG TLE4943C Datasheet HTML 37Page - Infineon Technologies AG TLE4943C Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
TLE4943C
Data Sheet
34
V 1.2, July 2018
Duty cycle in uncalibrated mode
DCuncal
20
80
%
dB >=2mT sine wave8)
Jitter, 1Hz < f < 5000Hz
Sjit-close,
Tj
≤150°C
±2
%
dB >=2mT; 1sigma
value7)8)
Sjit-close,
Tj
≤170°C
±3
%
Jitter, 1Hz < f < 5000Hz
Sjit-far,
Tj
≤150°C
±4
%
2mT > dB >dBlimit ; 1sigma
value8)
Sjit-far,
Tj
≤170°C
±6
%
Jitter for speed pulse
0
+0.7
us
rising edge of speed pulse
relative to magnetic edge
change8)
Jitter @ board net ripple
f<5000Hz
Sjit-AC,
±0.5
%
V
DD=13V±6Vpp;
0<f
mod<150kHz;
dB=15mT8)
Current ripple @
ΔVDD =0V
dI @dV
=0V
pulse shape: triangular8)
pulse
height
1mA
pulse
length
400
ns
Pulse width for speed pulse
tp
40
50
60
us
Triggerlevel=10.5mA8)
Pulse width for data bits
tp
40
50
60
us
8)
Standstill time
tstop
120
150
180
ms
8)
Pulse width tp/2 for initial bit
tp/2
20
25
30
us
8)
Pulse width tp for time output
offset due to bit stump
suppression
tp_Bit_supp
40
50
60
us
8)
Systematic phase error of output
edges during start-up and
uncalibrated mode
-90
90
°
Systematical phase error of
“uncal” edge;
nth vs. n + 1th edge (does
not include random phase
error)8)
Phase shift from uncalibrated to
calibrated mode
-10
10
°
8)
Current slew rate
SRr, SRf
826
mA/us 10% and 90% value
RM=50
Ω, TJ<170°C
Signal watchdog reset
nswd
16
16
edges 9)8)
1) All parameters refer to described test circuit in this document. See chapter 3.1 Test circuit
2) after power on or chip reset
3) Same direction assumed
4) After power, chip reset or direction reset (after timer watchdog)
Table 6
Electrical Characteristics1) (cont’d)
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com