Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DP600 Datasheet(PDF) 1 Page - 3M Electronics

No. de pieza DP600
Descripción Electrónicos  3M™ Scotch-Weld™ Urethane
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  3M [3M Electronics]
Página de inicio  http://www.3m.com
Logo 3M - 3M Electronics

DP600 Datasheet(HTML) 1 Page - 3M Electronics

  DP600 Datasheet HTML 1Page - 3M Electronics DP600 Datasheet HTML 2Page - 3M Electronics DP600 Datasheet HTML 3Page - 3M Electronics DP600 Datasheet HTML 4Page - 3M Electronics DP600 Datasheet HTML 5Page - 3M Electronics DP600 Datasheet HTML 6Page - 3M Electronics DP600 Datasheet HTML 7Page - 3M Electronics DP600 Datasheet HTML 8Page - 3M Electronics DP600 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
3M™ Scotch-Weld™ Urethane
Adhesives DP600 Self-Leveling
and DP600NS
Technical Data Sheet
November 2016
Product Description
3M™ Scotch-Weld™ Urethane Adhesives DP600 Self-Leveling and
DP600NS are gray, rapid setting, two component polyurethanes. They
are packaged as 1:1 ratio liquids in a duo-pak cartridge. With the
squeeze of a trigger, the components are automatically mixed and
easily dispensed as a bubble-free, self-leveling or non-sag liquid.
Features
•
Fast Setting
•
Easy Mixing
•
1:1 Mix Ratio
•
Tough, non-brittle bonding
•
Rapid repair of spalled or cracked concrete floors or pool decks in high
traffic areas
•
Custom tapping of bolts and screws into wood, concrete and masonry
•
Tough, non-brittle bonding of wood, metal, glass and plastic
•
Bonding of dissimilar substrates
•
Non-brittle bonding to primed PVC and to ABS pipe
Self-Leveling:
•
Re-installing posts and rails
•
Fixturing of hand/grab rails into pool decks
•
Rapid repair of pool decks prior to being coated
Non-Sag:
•
Used as a vertical grade repair material and adhesive for numerous
substrates such as concrete, ceramic, wood, metal and glass
•
Repairing leading edges of stairs
•
Fixturing bolts
Note: The data in this sheet were generated using the 3M™ EPX™ Applicator System equipped with an EXP static
mixer, according to manufacturer’s directions. Thorough hand-mixing will afford comparable results.
Suggested Applications
Building & Construction
Maintenance & Repair
Pool Maintenance &
Repair
Manufacturing &
Assembly


Número de pieza similar - DP600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
3M Electronics
DP604NS 3M-DP604NS Datasheet
245Kb / 3P
Joint Design for Structural Adhesives
Nov-2017
DP605NS 3M-DP605NS Datasheet
149Kb / 8P
3M™ Scotch-Weld™ Urethane Adhesive DP605NS O
Feb-2019
logo
Omega Engineering, Inc.
DP606A OMEGA-DP606A Datasheet
666Kb / 2P
Universal 6/12 Channel ¼ DIN Panel Meter
DP606A-DC OMEGA-DP606A-DC Datasheet
666Kb / 2P
Universal 6/12 Channel ¼ DIN Panel Meter
logo
JILIN SINO-MICROELECTRO...
DP60C080 JSMC-DP60C080 Datasheet
278Kb / 5P
High Voltage RECTIFIER DIODE
202402A
More results

Descripción similar - DP600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
3M Electronics
DP620NS 3M-DP620NS Datasheet
144Kb / 6P
3M™ Scotch-Weld™ Urethane Adhesive DP620NS Black
Feb-2019
DP605NS 3M-DP605NS Datasheet
149Kb / 8P
3M™ Scotch-Weld™ Urethane Adhesive DP605NS O
Feb-2019
DP640 3M-DP640 Datasheet
148Kb / 6P
3M™ Scotch-Weld™ Urethane Adhesive
Feb-2019
1838B 3M-1838B Datasheet
140Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesive
Feb-2016
3535 3M-3535 Datasheet
24Kb / 6P
3M Scotch-WeldTM Urethane Adhesives
Jan-2010
EC-3542 3M-EC-3542 Datasheet
279Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesive
Dec-2020
EC-2815 3M-EC-2815 Datasheet
291Kb / 7P
3M??Scotch-Weld??Epoxy Adhesive
EC-5816 3M-EC-5816 Datasheet
220Kb / 4P
3M??Scotch-Weld??Elastomeric Coating
EC-3549 3M-EC-3549 Datasheet
369Kb / 5P
3M??Scotch-Weld??Urethane Adhesive
EC-3501 3M-EC-3501 Datasheet
328Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesives
Dec-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12